Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 142Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 180 page
background image
General Release Specification
Core Timer
General Release Specification — MC68HC705MC4
Section 12. Core Timer
12.1 Contents
12.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .139
12.3
Ctimer Control and Status Register . . . . . . . . . . . . . . . . . . . .141
12.4
Computer Operating Properly (COP) Watchdog Reset . . . . .143
12.5
Ctimer Counter Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . .144
12.6
Core Timer during Wait Mode. . . . . . . . . . . . . . . . . . . . . . . . .144
12.2 Introduction
The core timer (Ctimer) for this device is a 15-stage multi-functional
ripple counter. The features include timer overflow, power-on reset
(POR), real time interrupt, and COP watchdog timer
As seen in Figure 12-1, the core timer is driven by the internal bus clock
divided by four as a fixed prescaler. This signal drives an 8-bit ripple
counter. The value of this 8-bit ripple counter can be read by the CPU at
any time by accessing the Ctimer counter register (CTCR) at address
$09. A timer overflow function is implemented on the last stage of this
counter, giving a possible interrupt at the rate of E/1024. Two additional
stages produce the POR function at E/4064. The timer counter bypass
circuitry (available only in test mode) is at this point in the timer chain.
This circuit is followed by one more stage, with the resulting clock
(E/8192) driving the real-time interrupt circuit. The RTI circuit consists of
four divider stages with a 1-of-4 selector. The output of the RTI circuit is
further divided by eight to drive the mask optional COP watchdog timer
circuit. The RTI rate selector bits and the RTI and CTOF enable bits and
flags are located in the Ctimer control and status register (CTCSR) at
location $08.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com