Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 24Page - Texas Instruments ADS8331IBRGET Datasheet HTML 25Page - Texas Instruments ADS8331IBRGET Datasheet HTML 26Page - Texas Instruments ADS8331IBRGET Datasheet HTML 27Page - Texas Instruments ADS8331IBRGET Datasheet HTML 28Page - Texas Instruments ADS8331IBRGET Datasheet HTML 29Page - Texas Instruments ADS8331IBRGET Datasheet HTML 30Page - Texas Instruments ADS8331IBRGET Datasheet HTML 31Page - Texas Instruments ADS8331IBRGET Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
WRITING TO THE CONVERTER
There are two different types of writes to the register: a 4-bit write to the CMR and a full 16-bit write to the CMR
plus CFR. The command set is listed in Table 4 and the configuration register map is listed in Table 5. A simple
command requires only four SCLKs; the write takes effect on the fourth falling edge of SCLK. A 16-bit write or
read takes at least 16 SCLKs (see Table 7 for exceptions that require more than 16 SCLKs).
Configuring the Converter and Default Mode
The converter can be configured with command 1110b (write to the CFR) or command 1111b (default mode). A
write to the CFR requires a 4-bit command followed by 12 bits of data. A 4-bit command takes effect on the
fourth falling edge of SCLK. A write to the CFR takes effect on the 16th falling edge of SCLK.
The CFR default value for each bit is '1'. The default values are applied to the CFR after issuing command 1111b
or when the device is reset with a power-on reset (POR), software reset, or external reset using the RESET pin
(see the Reset Function section).
READING THE CONFIGURATION REGISTER
The host processor can read back the value programmed in the CFR by issuing command 1100b. The timing is
similar to reading a conversion result except CONVST is not used. There is also no activity on the EOC/INT pin.
The CFR value readback contains the first four bits (MSBs) of the previous conversion data plus the 12-bit CFR
contents.
Table 5. Configuration Register (CFR) Map
CFR SDI BIT
(Default = FFFh)
DEFINITION
BIT = '0'
BIT = '1'
Channel select mode
Manual channel select enabled. Use channel
Auto channel select enabled. Channels are
D11
select commands to access a desired
sampled and converted sequentially until the
channel.
cycle after this bit is set to 0.
D10
Conversion clock (CCLK) source select
Conversion clock (CCLK) = SCLK/2
Conversion clock (CCLK) = internal OSC
Trigger (conversion start) select: start
Auto-Trigger: conversions automatically start
conversion at the end of sampling (EOS). If
Manual-Trigger: conversions manually start
D9
three conversion clocks after EOC at
D9 = '0' and D8 = '0', the D4 setting is
on falling edge of CONVST
500kSPS
ignored.
D8
Sample rate for Auto-Trigger mode
500kSPS (21 CCLKs)
250kSPS (42 CCLKs)
Pin 10 polarity select when used as an
D7
EOC/INT active high
EOC/INT active low
output (EOC/INT)
Pin 10 function select when used as an
D6
Pin used as INT
Pin used as EOC
output (EOC/INT)
Pin 10 I/O select for daisy-chain mode
Pin 10 is used as CDI input
D5
Pin 10 is used as EOC/INT output
operation
(daisy-chain mode enabled)
Auto-Nap Power-Down enable/disable.
Auto-Nap Power-Down mode enabled (not
D4
This bit setting is ignored if D9 = '0' and D8
Auto-Nap Power-Down mode disabled
activated)
='0'.
Nap Power-Down. This bit is set to 1
Nap Power-Down disabled
D3
Nap Power-Down enabled
automatically by wake-up command.
(resume normal operation)
Deep Power-Down. This bit is set to 1
Deep Power-Down disabled
D2
Deep Power-Down enabled
automatically by wake-up command.
(resume normal operation)
TAG bit output enabled. TAG bits appear
D1
TAG bit output enable
TAG bit output disabled
after conversion data
D0
Software reset
System reset, returns to '1' automatically
Normal operation
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com