Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 10Page - Texas Instruments ADS8331IBRGET Datasheet HTML 11Page - Texas Instruments ADS8331IBRGET Datasheet HTML 12Page - Texas Instruments ADS8331IBRGET Datasheet HTML 13Page - Texas Instruments ADS8331IBRGET Datasheet HTML 14Page - Texas Instruments ADS8331IBRGET Datasheet HTML 15Page - Texas Instruments ADS8331IBRGET Datasheet HTML 16Page - Texas Instruments ADS8331IBRGET Datasheet HTML 17Page - Texas Instruments ADS8331IBRGET Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Temperature( C)
°
-50
-25
0
25
50
75
100
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
VA=VBD=2.7V
V
=2.500V
REF
VA=VBD=5.0V
V
=4.096V
REF
Temperature( C)
°
-50
-25
0
25
50
75
100
150
125
100
75
50
25
0
25
50
75
100
125
150
-
-
-
-
-
-
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
Temperature( C)
°
-50
-25
0
25
50
75
100
25
20
15
10
5
0
5
10
15
20
25
-
-
-
-
-
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: DC Performance (continued)
At TA = +25°C, VREF (REF+ – REF–) = 4.096V when VA = VBD = 5V or VREF (REF+ – REF–) = 2.5V when VA = VBD = 2.7V,
fSCLK = 21MHz, and fSAMPLE = 500kSPS, unless otherwise noted.
CHANGE IN DIGITAL SUPPLY CURRENT
CHANGE IN INTERNAL CLOCK FREQUENCY
vs TEMPERATURE
vs TEMPERATURE
Figure 17.
Figure 18.
CHANGE IN ANALOG SUPPLY CURRENT IN NAP MODE
vs TEMPERATURE
Figure 19.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com