Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 11Page - Texas Instruments ADS8331IBRGET Datasheet HTML 12Page - Texas Instruments ADS8331IBRGET Datasheet HTML 13Page - Texas Instruments ADS8331IBRGET Datasheet HTML 14Page - Texas Instruments ADS8331IBRGET Datasheet HTML 15Page - Texas Instruments ADS8331IBRGET Datasheet HTML 16Page - Texas Instruments ADS8331IBRGET Datasheet HTML 17Page - Texas Instruments ADS8331IBRGET Datasheet HTML 18Page - Texas Instruments ADS8331IBRGET Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Code
7FFD
7FFE
7FFF
8000
8001
0
768
6336
0
1088
VA=VBD=5.0V
V
=4.096V
REF
Code
7FFD
7FFE
7FFF
8000
8001
53
1665
4791
40
1643
VA=VBD=2.7V
V
=2.500V
REF
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
Frequency(kHz)
0
50
100
150
200
250
VA=VBD=2.7V
V
=2.500V
REF
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
Frequency(kHz)
0
50
100
150
200
250
VA=VBD=5.0V
V
=4.096V
REF
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
Frequency(kHz)
0
50
100
150
200
250
VA=VBD=2.7V
V
=2.500V
REF
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
Frequency(kHz)
0
50
100
150
200
250
VA=VBD=5.0V
V
=4.096V
REF
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
TYPICAL CHARACTERISTICS: AC Performance
At TA = +25°C, VREF (REF+ – REF–) = 4.096V when VA = VBD = 5V or VREF (REF+ – REF–) = 2.5V when VA = VBD = 2.7V,
fSCLK = 21MHz, fSAMPLE = 500kSPS, and fIN = 10kHz, unless otherwise noted.
OUTPUT CODE HISTOGRAM
OUTPUT CODE HISTOGRAM
FOR A DC INPUT (8192 Conversions)
FOR A DC INPUT (8192 Conversions)
Figure 20.
Figure 21.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(8192 Point FFT, fIN = 1.0376kHz, –0.2dB)
(8192 Point FFT, fIN = 1.0376kHz, –0.2dB)
Figure 22.
Figure 23.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(8192 Point FFT, fIN = 10.0708kHz, –0.2dB)
(8192 Point FFT, fIN = 10.0708kHz, –0.2dB)
Figure 24.
Figure 25.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com