Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 15Page - Texas Instruments ADS8331IBRGET Datasheet HTML 16Page - Texas Instruments ADS8331IBRGET Datasheet HTML 17Page - Texas Instruments ADS8331IBRGET Datasheet HTML 18Page - Texas Instruments ADS8331IBRGET Datasheet HTML 19Page - Texas Instruments ADS8331IBRGET Datasheet HTML 20Page - Texas Instruments ADS8331IBRGET Datasheet HTML 21Page - Texas Instruments ADS8331IBRGET Datasheet HTML 22Page - Texas Instruments ADS8331IBRGET Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
f
-
3dB
³
(n+1)
ln(2)
´
2
t
p ´
SAMPLE_MIN
ADS8331
ADS8332
IN
X
COM
OPA365
5V
VA
MUXOUT
ADCIN
InputSignal
(0Vto4V)
20W
1000pF
ADS8331
ADS8332
IN
X
COM
OPA211
5V
VA
MUXOUT
ADCIN
2.048VDC
600W
InputSignal
( 2Vto+2V)
-
20W
1000pF
600W
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
Driver Amplifier Choice
In order to take advantage of the high sample rate offered by the ADS8331/32, the analog inputs to the converter
should be driven with low-noise operational amplifiers (op amps), such as the OPA365, OPA211, OPA827, or
THS4031. An RC filter is recommended at each of the input channels to low-pass filter noise generated by the
input driving sources. These channels can accept unipolar signals with voltages between INX and COM in the
range of 0V to VREF. If RC filters are not used between the op amps and the input channels, the minimum –3dB
bandwidth required by the driving op amps for the sampled signals to settle to within 1/2 LSB of the final voltage
can be calculated using Equation 1:
(1)
Where:
n = resolution of the converter (n = 16 for the ADS8331/32).
tSAMPLE_MIN = minimum acquisition time.
The minimum value of tSAMPLE in the Electrical Characteristics tables is 238ns (3 CCLKs with the internal
oscillator at 12.6MHz). Substituting these values for n and tSAMPLE_MIN into Equation 1 shows f–3dB must be at
least 7.9MHz. This bandwidth can be relaxed if the acquisition time is increased or an RC filter is added between
the driving op amp and the corresponding input channel (refer to Texas Instruments' Application Report
SBAA173 and associated references for additional information, available for download at www.ti.com). The
OPA365 used in the source-follower (unity-gain) configuration is shown in Figure 35 with recommended values
for the RC filter.
Figure 35. Unipolar Input Drive Configuration
Bipolar to Unipolar Driver
In systems where the input signal is bipolar, op amps such as the OPA365 and OPA211 can be used in the
inverting configuration with a dc bias applied to the noninverting input in order to keep the input signal to the
ADS8331/32 within its rated operating voltage range. This configuration is also recommended when the
ADS8331/32 is used in signal-processing applications where good SNR and THD performance is required. The
dc bias can be derived from low-noise reference voltage ICs such as the REF5025 or REF5040. The input
configuration shown in Figure 36 is capable of delivering better than 91dB SNR and –99dB THD at an input
frequency of 1kHz. If bandpass filters are used to filter the input to the driving op amp, the signal swing at the
input of the bandpass filter should be small enough to minimize the distortion introduced by the filter. In these
cases, the gain of the circuit shown in Figure 36 can be increased to maintain a large enough input signal to the
ADS8331/32 to keep the system SNR as high as possible.
Figure 36. Bipolar Input Drive Configuration
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com