Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 19Page - Texas Instruments ADS8331IBRGET Datasheet HTML 20Page - Texas Instruments ADS8331IBRGET Datasheet HTML 21Page - Texas Instruments ADS8331IBRGET Datasheet HTML 22Page - Texas Instruments ADS8331IBRGET Datasheet HTML 23Page - Texas Instruments ADS8331IBRGET Datasheet HTML 24Page - Texas Instruments ADS8331IBRGET Datasheet HTML 25Page - Texas Instruments ADS8331IBRGET Datasheet HTML 26Page - Texas Instruments ADS8331IBRGET Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
CCLK
CONVST
CONVST_OUT
(internal)
NAP_ACTIVE
(internal)
EOC
(activelow)
1Cycle
3+3=6Cycles
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
Power-Down Modes and Acquisition Time
There are three power-down modes that reduce power dissipation: Nap, Deep, and Auto-Nap. The first two, Nap
and Deep Power-Down modes, are enabled/disabled by bits CFR_D3 and CFR_D2, respectively, in the
Configuration register (see Table 5 for details).
Deep Power-Down mode provides maximum power savings. When this mode is enabled, the analog core in the
converter is shut down, and the analog supply current falls from 6.6mA (VA = 5.0V) to 1
μA in 2μs. The wakeup
time from Deep Power-Down mode is 1
μs. The device can wake up from Deep Power-Down mode by either
disabling this mode, issuing the wakeup command, loading the default value into the CFR, or performing a reset
(either with the software reset command, CFR_D0 bit, or the external reset). See Table 4 and Table 5 along with
the Reset Function section for further information.
In Nap Power-Down mode, the bias currents for the analog core of the device are significantly reduced. Because
the bias currents are not completely shut off, the ADS8331/32 can wake up from this power-down mode much
faster than from Deep Power-Down mode. After Nap Power-Down mode is enabled, the analog supply current
falls from 6.6mA (VA = 5.0V) to 0.39mA in 200ns. The wakeup time from this mode is three conversion clock
cycles (CCLK). The device can wake up from Nap Power-Down mode in the same manner as waking up from
Deep Power-Down mode.
The third power-down mode, Auto-Nap, is enabled/disabled by bit CFR_D4 in the Configuration register (see
Table 5 for details). Once this mode is enabled, the device is controlled by the digital core logic on the chip. The
device is automatically placed into Nap Power-Down mode after the next end of conversion (EOC). The analog
supply current falls from 6.6mA (VA = 5.0V) to 0.39mA in 200ns. A conversion start wakes up the device in three
conversion clock cycles. Issuing the wake-up command, loading the default value into the CFR, disabling
Auto-Nap Power-Down mode, issuing a manual channel select command, or resetting the device can wake the
ADS8331/32 from Auto-Nap Power-Down mode. A comparison of the three power-down modes is listed in
Table 2.
Table 2. Comparison of Power-Down Modes
POWER
TYPE OF
CONSUMPTION
POWER-DOWN
POWER-DOWN
(VA = 5.0V)
BY:
POWER-DOWN TIME
WAKEUP BY:
WAKEUP TIME
ENABLE
Normal operation
6.6mA
—
—
—
—
—
Deep power-down
1
μA
Setting CFR_D2
2
μs
Wakeup command 1011b
1
μs
Set CFR_D2
Nap power-down
0.39mA
Setting CFR_D3
200ns
Wakeup command 1011b
3 CCLKs
Set CFR_D3
Auto-Nap
EOC (end of
CONVST, any channel select command, default
0.39mA
200ns
3 CCLKs
Set CFR_D4
power-down
conversion)
command 1111b, or wakeup command 1011b.
The default acquisition time is three conversion clock (CCLK) cycles. Figure 41 shows the timing diagram for
CONVST, EOC, and auto-nap power-down signals in Manual-Trigger mode. As shown in the diagram, the device
wakes up after a conversion is triggered by the CONVST pin going low. However, a conversion is not yet started
at this time. The conversion start signal to the analog core of the chip is internally generated no less than six
conversion clock (CCLK) cycles later, to allow at least three CCLKs for wake up and three CCLKs for acquisition.
The ADS8331/32 enters Nap Power-Down mode one conversion cycle after the end of conversion (EOC).
Figure 41. Timing for CONVST, EOC, and Auto-Nap Power-Down Signals in Manual-Trigger Mode (Three
Conversion Clock Cycles for Acquisition)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com