Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 55Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 56Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 57Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 58Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 59Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 60Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 61Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 62Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
STM8L151xx, STM8L152xx
Unique ID
Doc ID 15962 Rev 5
59/59
8
Unique ID
devices feature a 96-bit unique device identifier which provides a reference number that is
unique for any device and in any context. The 96 bits of the identifier can never be altered by
the user.
The unique device identifier can be read in single bytes and may then be concatenated
using a custom algorithm.
The unique device identifier is ideally suited:
●
For use as serial numbers
●
For use as security keys to increase the code security in the program memory while
using and combining this unique ID with software crytograhic primitives and protocols
before programming the internal memory.
●
To activate secure boot processes
Table 13.
Unique ID registers (96 bits)
Address
Content
description
Unique ID bits
76
54
3
2
1
0
0x4926
X co-ordinate on
the wafer
U_ID[7:0]
0x4927
U_ID[15:8]
0x4928
Y co-ordinate on
the wafer
U_ID[23:16]
0x4929
U_ID[31:24]
0x492A
Wafer number
U_ID[39:32]
0x492B
Lot number
U_ID[47:40]
0x492C
U_ID[55:48]
0x492D
U_ID[63:56]
0x492E
U_ID[71:64]
0x492F
U_ID[79:72]
0x4930
U_ID[87:80]
0x4931
U_ID[95:88]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com