Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 63Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 64Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 65Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 66Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 67Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 68Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 69Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 70Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
67/122
IDD(RUN)
Supply
current
in Run
mode
All
peripherals
OFF, code
executed
from Flash,
VDD from
1.65 V to
3.6 V
HSI RC
osc.(9)
fCPU = 125 kHz 0.43
0.55
0.56
0.58
0.62
mA
fCPU = 1 MHz
0.60
0.77
0.80
0.82
0.87
fCPU = 4 MHz
1.11
1.34
1.37
1.39
1.43
fCPU = 8 MHz
1.90
2.20
2.23
2.31
2.40
fCPU = 16 MHz
3.8
4.60
4.75
4.87
4.88
HSE
external
clock
(fCPU=fHSE)
(7)
fCPU = 125 kHz 0.30
0.36
0.39
0.44
0.47
fCPU = 1 MHz
0.40
0.50
0.52
0.55
0.56
fCPU = 4 MHz
1.15
1.31
1.40
1.45
1.48
fCPU = 8 MHz
2.17
2.33
2.44
2.56
2.77
fCPU = 16 MHz
4.0
4.46
4.52
4.59
4.77
LSI RC osc.
fCPU = fLSI
0.110 0.123
0.130
0.140
0.150
LSE external
clock
(32.768
kHz)(10)
fCPU = fLSE
0.100 0.101
0.104
0.119
0.122
1.
Based on characterization results, unless otherwise specified
2.
All peripherals OFF, VDD from 1.65 V to 3.6 V, HSI internal RC osc. , fCPU=fSYSCLK
3.
For devices with suffix 6
4.
For devices with suffix 3
5.
CPU executing typical data processing
6.
The run from RAM consumption can be approximated with the linear formula:
IDD(run_from_RAM) = Freq * 90 µA/MHz + 380 µA
7.
Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE consumption
(IDD HSE) must be added. Refer to Table 30.
8.
Data guaranteed, each individual device tested in production.
9.
The run from Flash consumption can be approximated with the linear formula:
IDD(run_from_Flash) = Freq * 195 µA/MHz + 440 µA
10. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for extenal crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 31
Table 19.
Total current consumption in Run mode (continued)
Symbol
Para
meter
(1)
Conditions(1)(2)
Typ
Max
Unit
55°C
85 °C
(3)
105 °C
(4)
125 °C
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com