Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 71Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 72Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 73Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 74Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 75Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 76Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 77Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 78Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
75/122
Table 23.
Total current consumption and timing in Active-halt mode
at VDD = 1.65 V to 3.6 V
Symbol
Parameter(1)(2)
Conditions
Typ
(1)(2)
Max
Unit
IDD(AH)
Supply current in
Active-halt mode
LSI RC
(at 38 kHz)
LCD OFF(3)
TA = -40 °C to 25 °C
0.9
(4)
2.1
μA
TA = 55 °C
1.2
3
TA = 85 °C
1.5
3.4
TA = 105 °C
2.6
6.6
TA = 125 °C
5.1
12
LCD ON
(static duty/
external
VLCD)
(5)
TA = -40 °C to 25 °C
1.4
3.1
TA = 55 °C
1.5
3.3
TA = 85 °C
1.9
4.3
TA = 105 °C
2.9
6.8
TA = 125 °C
5.5
13
LCD ON
(1/4 duty/
external
VLCD)
(6)
TA = -40 °C to 25 °C
1.9
4.3
TA = 55 °C
1.95
4.4
TA = 85 °C
2.4
5.4
TA = 105 °C
3.4
7.6
TA = 125 °C
6.0
15
LCD ON
(1/4 duty/
internal
VLCD)
(7)
TA = -40 °C to 25 °C
3.9
8.75
TA = 55 °C
4.15
9.3
TA = 85 °C
4.5
10.2
TA = 105 °C
5.6
13.5
TA = 125 °C
6.8
16.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com