Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 10Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 11Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 12Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 13Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 14Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 15Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 16Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 17Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 122 page
background image
Functional overview
STM8L151xx, STM8L152xx
14/122
Doc ID 15962 Rev 5
3.1
Low power modes
The STM8L15xxx supports five low power modes to achieve the best compromise between
low power consumption, short startup time and available wakeup sources:
●
Wait mode: CPU clock is stopped, but selected peripherals keep running. An internal
or external interrupt or a Reset can be used to exit the microcontroller from Wait mode
(WFE or WFI mode). Wait consumption: refer to Table 20.
●
Low power run mode: The CPU and the selected peripherals are running. Execution
is done from RAM with a low speed oscillator (LSI or LSE). Flash and data EEPROM
are stopped and the voltage regulator is configured in Ultralow power mode. The
microcontroller enters Low power run mode by software and can exit from this mode by
software or by a reset.
All interrupts must be masked. They cannot be used to exit the microcontroller from this
mode. Low power run mode consumption: refer to Table 21.
●
Low power wait mode: This mode is entered when executing a Wait for event in Low
power run mode. It is similar to Low power run mode except that the CPU clock is
stopped. The wakeup from this mode is triggered by a Reset or by an internal or
external event (peripheral event generated by the timers, serial interfaces, DMA
controller (DMA1), comparators and I/O ports). When the wakeup is triggered by an
event, the system goes back to Low power run mode.
All interrupts must be masked. They cannot be used to exit the microcontroller from this
mode. Low power wait mode consumption: refer to Table 22.
●
Active-halt mode: CPU and peripheral clocks are stopped, except RTC. The wakeup
can be triggered by RTC interrupts, external interrupts or reset. Active-halt
consumption: refer to Table 23 and Table 24.
●
Halt mode: CPU and peripheral clocks are stopped, the device remains powered on.
The wakeup is triggered by an external interrupt or reset. A few peripherals have also a
wakeup from Halt capability. Switching off the internal reference voltage reduces power
consumption. Through software configuration it is also possible to wake up the device
without waiting for the internal reference voltage wakeup time to have a fast wakeup
time of 5 µs. Halt consumption: refer to Table 25.
3.2
Central processing unit STM8
3.2.1
Advanced STM8 Core
The 8-bit STM8 core is designed for code efficiency and performance with an Harvard
architecture and a 3-stage pipeline.
It contains 6 internal registers which are directly addressable in each execution context, 20
addressing modes including indexed indirect and relative addressing, and 80 instructions.
Architecture and registers
●
Harvard architecture
●
3-stage pipeline
●
32-bit wide program memory bus - single cycle fetching most instructions
●
X and Y 16-bit index registers - enabling indexed addressing modes with or without



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com