Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 30Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 31Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 32Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 33Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 34Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 35Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 36Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 37Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 122 page
background image
Pin description
STM8L151xx, STM8L152xx
34/122
Doc ID 15962 Rev 5
4.1
System configuration options
As shown in Table 5: STM8L15x pin description, some alternate functions can be remapped
on different I/O ports by programming one of the two remapping registers described in the “
Routing interface (RI) and system configuration controller” section in the STM8L15xxx
reference manual (RM0031).
40
-
-
- VSS2
S
IOs ground voltage
132 28 A4
PA0(8)/[USART1_CK](3)/
SWIM/BEEP/IR_TIM (9)
I/O
X
X(8)
X
HS
(9)
XX Port A0
[USART1 synchronous
clock](3) / SWIM input
and output /
Beep output / Infrared
Timer output
1.
At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L15x reference manual (RM0031).
2.
Available on STM8L152xx devices only.
3.
[ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
4.
In the 5 V tolerant I/Os, protection diode to VDD is not implemented.
5.
A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
6.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not
implemented).
7.
Available on STM8L151xx devices only.
8.
The PA0 pin is in input pull-up during the reset phase and after reset release.
9.
High Sink LED driver capability available on PA0.
Table 5.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com