Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 88Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 89Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 90Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 91Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 92Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 93Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 94Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 95Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
92/122
Doc ID 15962 Rev 5
9.3.7
Communication interfaces
SPI1 - Serial peripheral interface
Unless otherwise specified, the parameters given in Table 41 are derived from tests
performed under ambient temperature, fSYSCLK frequency and VDD supply voltage
conditions summarized in Section 9.3.1. Refer to I/O port characteristics for more details on
the input/output alternate function characteristics (NSS, SCK, MOSI, MISO).
Table 41.
SPI1 characteristics
Symbol
Parameter
Conditions(1)
Min
Max
Unit
fSCK
1/tc(SCK)
SPI1 clock frequency
Master mode
0
8
MHz
Slave mode
0
8
tr(SCK)
tf(SCK)
SPI1 clock rise and fall
time
Capacitive load: C = 30 pF
-
30
ns
tsu(NSS)
(2)
NSS setup time
Slave mode
4 x 1/fSYSCLK
-
th(NSS)
(2)
NSS hold time
Slave mode
80
-
tw(SCKH)
(2)
tw(SCKL)
(2)
SCK high and low time
Master mode,
fMASTER = 8 MHz, fSCK= 4 MHz
105
145
tsu(MI)
(2)
tsu(SI)
(2)
Data input setup time
Master mode
30
-
Slave mode
3
-
th(MI)
(2)
th(SI)
(2)
Data input hold time
Master mode
15
-
Slave mode
0
-
ta(SO)
(2)(3)
Data output access time
Slave mode
-
3x 1/fSYSCLK
tdis(SO)
(2)(4)
Data output disable time
Slave mode
30
-
tv(SO)
(2)
Data output valid time
Slave mode (after enable edge)
-
60
tv(MO)
(2)
Data output valid time
Master mode (after enable
edge)
-20
th(SO)
(2)
Data output hold time
Slave mode (after enable edge)
15
-
th(MO)
(2)
Master mode (after enable
edge)
1-
1.
Parameters are given by selecting 10 MHz I/O output frequency.
2.
Values based on design simulation and/or characterization results, and not tested in production.
3.
Min time is for the minimum time to drive the output and max time is for the maximum time to validate the data.
4.
Min time is for the minimum time to invalidate the output and max time is for the maximum time to put the data in Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com