Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 65Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 66Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 67Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 68Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 69Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 70Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 71Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 72Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
69/122
Table 20.
Total current consumption in Wait mode(1)
Symbol Parameter
Conditions(2)
Typ
Max
Unit
55°C
85 °C
(3)
105
°C
(4)
125
°C
(4)
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from RAM
with Flash in IDDQ
mode,(5)
VDD from
1.65 V to 3.6 V
HSI
fCPU = 125 kHz 0.33
0.39
0.41
0.43
0.45
mA
fCPU = 1 MHz
0.35
0.41
0.44
0.45
0.48
fCPU = 4 MHz
0.42
0.51
0.52
0.54
0.58
fCPU = 8 MHz
0.52
0.57
0.58
0.59
0.62
fCPU = 16 MHz
0.68
0.76
0.79
0.82
0.85
HSE
external
clock
(fCPU=fHSE)
(6)
fCPU = 125 kHz 0.032 0.056 0.068 0.072 0.093
fCPU = 1 MHz
0.078 0.121 0.144 0.163 0.197
fCPU = 4 MHz
0.218
0.26
0.30
0.36
0.40
fCPU = 8 MHz
0.40
0.52
0.57
0.62
0.66
fCPU = 16 MHz 0.760 1.01
1.05
1.09
1.16
LSI
fCPU = fLSI
0.035 0.044 0.046 0.049 0.054
LSE(7)
external
clock
(32.768
kHz)
fCPU = fLSE
0.032 0.036 0.038 0.044 0.051
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from Flash,
VDD from
1.65 V to 3.6 V
HSI
fCPU = 125 kHz 0.38
0.48
0.49
0.50
0.56
mA
fCPU = 1 MHz
0.41
0.49
0.51
0.53
0.59
fCPU = 4 MHz
0.50
0.57
0.58
0.62
0.66
fCPU = 8 MHz
0.60
0.66
0.68
0.72
0.74
fCPU = 16 MHz
0.79
0.84
0.86
0.87
0.90
HSE(6)
external
clock
(fCPU=HSE)
fCPU = 125 kHz 0.06
0.08
0.09
0.10
0.12
fCPU = 1 MHz
0.10
0.17
0.18
0.19
0.22
fCPU = 4 MHz
0.24
0.36
0.39
0.41
0.44
fCPU = 8 MHz
0.50
0.58
0.61
0.62
0.64
fCPU = 16 MHz
1.00
1.08
1.14
1.16
1.18
LSI
fCPU = fLSI
0.055 0.058 0.065 0.073 0.080
LSE(7)
external
clock
(32.768
kHz)
fCPU = fLSE
0.051 0.056 0.060 0.065 0.073



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com