Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 66Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 67Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 68Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 69Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 70Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 71Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 72Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 73Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
70/122
Doc ID 15962 Rev 5
Figure 14.
Typ. IDD(Wait) vs. VDD,fCPU =16MHz
1)
1.
Typical current consumption measured with code executed from Flash
1.
Based on characterization results, unless specified
2.
All peripherals OFF, VDD from 1.65 V to 3.6 V, HSI internal RC osc. , fCPU = fSYSCLK
3.
For temperature range 6.
4.
For temperature range 3.
5.
Flash is configured in IDDQ mode in Wait mode by setting the EPM or WAITM bit in the Flash_CR1 register.
6.
Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE consumption
(IDD HSE) must be added. Refer to Table 30.
7.
Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for extenal crystal, the LSE consumption
(IDD HSE) must be added. Refer to Table 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com