Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 91Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 92Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 93Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 94Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 95Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 96Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 97Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 98Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
95/122
I2C - Inter IC control interface
Subject to general operating conditions for VDD, fSYSCLK, and TA unless otherwise specified.
The STM8L I2C interface (I2C1) meets the requirements of the Standard I2C communication
protocol described in the following table with the restriction mentioned below:
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDA and SCL).
Note:
For speeds around 200 kHz, the achieved speed can have a
± 5% tolerance
For other speed ranges, the achieved speed can have a
± 2% tolerance
The above variations depend on the accuracy of the external components used.
Table 42.
I2C characteristics
Symbol
Parameter
Standard mode
I2C
Fast mode I2C(1)
1.
fSYSCLK must be at least equal to 8 MHz to achieve max fast I
2C speed (400 kHz).
Unit
Min(2)
2.
Data based on standard I2C protocol requirement, not tested in production.
Max (2)
Min (2)
Max (2)
tw(SCLL)
SCL clock low time
4.7
1.3
μs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0
0
900
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
300
th(STA)
START condition hold time
4.0
0.6
μs
tsu(STA)
Repeated START condition setup
time
4.7
0.6
tsu(STO)
STOP condition setup time
4.0
0.6
μs
tw(STO:STA)
STOP to START condition time (bus
free)
4.7
1.3
μs
Cb
Capacitive load for each bus line
400
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com