Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8B Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
23
NVCC_SRTC_POW
<1
mA
USB_H1_VDDA25 + USB_OTG_VDDA25
50
mA
USB_H1_VDDA33 + USB_OTG_VDDA33
20
mA
VPH
60
mA
NVCC_CKIH
Use maximal IO Eq1, N=4
NVCC_CSI
Use maximal IO Eq1, N=20
NVCC_EIM_MAIN
Use maximal IO Eq1, N=39
NVCC_EIM_SEC
Use maximal IO Eq1, N=16
NVCC_EMI_DRAM
Use maximal IO Eq1, N=78
NVCC_FEC
Use maximal IO Eq1, N=11
NVCC_GPIO
Use maximal IO Eq1, N=13
NVCC_JTAG
Use maximal IO Eq1, N=6
NVCC_KPAD
Use maximal IO Eq1, N=11
NVCC_LCD
Use maximal IO Eq1, N=29
NVCC_LVDS
Use maximal IO Eq1, N=20
NVCC_LVDS_BG
Use maximal IO Eq1, N=1
NVCC_NANDF
Use maximal IO Eq1, N=8
NVCC_PATA
Use maximal IO Eq1, N=29
NVCC_REST
Use maximal IO Eq1, N=5
NVCC_SD1
Use maximal IO Eq1, N=6
NVCC_SD2
Use maximal IO Eq1, N=6
NVCC_XTAL
Use maximal IO Eq1, N=2
1 General Equation for estimated, maximal power consumption of an IO power supply:
Imax = N * C * V * (0.5 * F)
Where:
N - Number of IO pins supplies by the power line
C - Equivalent external capacitive load
V - IO voltage
(0.5 * F) - Data change rate. Up to 0.5 of the clock rate (F).
Table 8. Maximal Supply Currents (continued)
Power Line
Conditions
Max Current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com