Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8B Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 45Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
42
Freescale Semiconductor
Electrical Characteristics
4.5.5
LVDS I/O AC Electrical Characteristics
The differential output transition time waveform is shown in Figure 7.
Figure 7. Differential LVDS Driver Transition Time Waveform
Table 28 shows the AC parameters for LVDS I/O.
Table 27. AC Electrical Characteristics of UHVIO Pad (High Output Voltage Mode)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
—
—
1.72/1.92
3.46/3.70
ns
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
—
—
2.38/2.56
5.07/5.25
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
—
—
4.55/4.58
10.04/9.94
Output Pad Slew Rate (High Drive)1
1 tps is measured between VIL to VIH for rising edge and between VIH to VIL for falling edge.
tps
15 pF
35 pF
1.05/0.94
0.52/0.49
——
V/ns
Output Pad Slew Rate (Medium Drive)1
tps
15 pF
35 pF
0.76/0.71
0.36/0.34
——
Output Pad Slew Rate (Low Drive)1
tps
15 pF
35 pF
0.40/0.93
0.18/0.18
——
Output Pad di/dt (High Drive)
tdit
—
—
—
82.8
mA/ns
Output Pad di/dt (Medium drive)
tdit
—
—
—
65.6
Output Pad di/dt (Low drive)
tdit
—
—
—
43.1
Input Transition Times2
2 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com