Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8B Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 37Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
41
4.5.4
UHVIO I/O AC Electrical Characteristics
Table 26 shows the AC parameters for UHVIO I/O operating in low output voltage mode. Table 27
shows the AC parameters for UHVIO I/O operating in high output voltage mode.
Table 24. LVIO I/O AC Parameters in Slow Mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns
Table 25. LVIO I/O AC Parameters in Fast Mode
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition time greater than 25 ns.
trm
—
—
—
25
ns
Table 26. AC Electrical Characteristics of UHVIO Pad (Low Output Voltage Mode)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
—
—
1.59/1.69
3.05/3.30
ns
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
—
—
2.16/2.35
4.45/4.84
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
—
—
4.06/4.42
8.79/9.55
Output Pad Slew Rate (High Drive)1
1 tps is measured between VIL to VIH for rising edge and between VIH to VIL for falling edge.
tps
15 pF
35 pF
0.63/0.59
0.33/0.30
——
V/ns
Output Pad Slew Rate (Medium Drive)1
tps
15 pF
35 pF
0.46/0.42
0.22/0.21
——
Output Pad Slew Rate (Low Drive)1
tps
15 pF
35 pF
0.25/0.23
0.11/0.11
——
Output Pad di/dt (High Drive)
tdit
—
—
—
43.6
mA/ns
Output Pad di/dt (Medium drive)
tdit
—
—
—
32.3
Output Pad di/dt (Low drive)
tdit
—
—
—
18.24
Input Transition Times2
2 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com