Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8B Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
19
4.1.2
Thermal Resistance
Table 5 provides the package thermal resistance data.
4.1.3
Operating Ranges
Table 6 provides the operating ranges of i.MX53xA processor.
Table 5. Package Thermal Resistance Data
Rating
Board
Symbol
Value
Unit
Junction to Ambient (natural convection)1, 2
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
Single layer board
(1s)
RθJA
28
°C/W
Junction to Ambient (natural convection)1, 2, 3
3 Per JEDEC JESD51-6 with the board horizontal.
Four layer board
(2s2p)
RθJA
16
°C/W
Junction to Ambient (@200 ft/min)1, 3
Single layer board
(1s)
RθJMA
21
°C/W
Junction to Ambient (@200 ft/min)1, 3
Four layer board
(2s2p)
RθJMA
13
°C/W
Junction to Board4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
—RθJB
6°C/W
Junction to Case5
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
—RθJC
4°C/W
Junction to Package Top (natural convection)6
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.
—
Ψ
JT
4°C/W
Table 6. i.MX53xA Operating Ranges
Symbol
Parameter
Minimum1 Nominal2 Maximum1
Unit
VDDGP
ARM core supply voltage
fARM ≤ 800 MHz
1.05
1.1
1.15
V
ARM core supply voltage
Stop mode
0.8
0.85
1.15
V
VCC
Peripheral supply voltage
1.25
1.3
1.35
V
Peripheral supply voltage—Stop mode
0.9
0.95
1.35
V
VDDA3
Memory arrays voltage
1.25
1.30
1.35
V
Memory arrays voltage—Stop mode
0.9
0.95
1.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com