Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8B Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
26
Freescale Semiconductor
Electrical Characteristics
Figure 2 shows the power-up sequence diagram.
Figure 2. Power Up Detailed Sequence 1
NOTE
Need to ensure that there is no back voltage (leakage) from any supply on
the board towards the 3.3 V supply (for example, from the parts that use
both 1.8 V and the 3.3 V supply).
1. If fuse writing is required, VDD_FUSE should be powered ON after NVCC_CKIH is stable.
NVCC_CKIH
(in any order, after NVCC_CKIH
POR_B pin released
by Power Management IC
Δt>0
Δt>0
VCC
90%
90%
(in any order, if needed)
Δt>0
90%
90%
NVCC_SRTC_POW
(should remain ON)
90%
IO Supplies below or equal to
IO Supplies above 2.8 V nom./3.1 V max
2.8 V nom./3.1 V max.
90%
Δt>0
90%
Δt>0
Δt>0
VDD_REG
NVCC_EMI_DRAM
Δt> 0
(in any order)
VDDA,VDDAL1,VDDGP
Δt>0
90%
ramp up start, if needed)
(in any order)
VP, VPH
Δt>0
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com