Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8B Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 45Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 46Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
43
4.6
System Modules Timing
This section contains the timing and electrical parameters for the modules in the i.MX53xA processor.
4.6.1
Reset Timings Parameters
Figure 8 shows the reset timing and Table 29 lists the timing parameters.
Figure 8. Reset Timing Diagram
4.6.2
WDOG Reset Timing Parameters
Figure 9 shows the WDOG reset timing and Table 30 lists the timing parameters.
Figure 9. WATCHDOG_RST Timing Diagram
Table 28. AC Electrical Characteristics of LVDS Pad
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential pulse skew1
1 t
SKD = | tPHLD –tPLHD |, is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
tSKD
Rload = 100
Ω,
Cload = 2 pF
—
—
0.25
ns
Transition Low to High Time2
2 Measurement levels are 20-80% from output voltage.
tTLH
0.26
—
0.5
Transition High to Low Time2
tTHL
0.26
—
0.5
Operating Frequency
f
—
—
300
—
MHz
Offset voltage imbalance
Vos
—
—
—
150
mV
Table 29. Reset Timing Parameters
ID
Parameter
Min
Max
Unit
CC1
Duration of RESET_IN to be qualified as valid (input slope = 5 ns)
50
—
ns
RESET_IN
CC1
(Input)
WATCHDOG_RST
CC5
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com