Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8B Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 90Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 91Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 92Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 93Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
94
Freescale Semiconductor
Electrical Characteristics
4.7.8.7.1
TVEv2 TV Encoder Performance Specifications
The TV encoder output specifications are shown in Table 59. All the parameters in the table are defined
under the following conditions:
•Rset = 1.05 kΩ ±1%, resistor on TVDAC_VREF pin to GND
•Rload = 37.5 Ω ±1%, output load to the GND
Table 59. TV Encoder Video Performance Specifications
Parameter
Conditions
Min
Typ
Max
Unit
DAC STATIC PERFORMANCE
Resolution1
——
10
—
Bits
Integral Nonlinearity (INL)2
—
—
1
2
LSBs
Differential Nonlinearity (DNL) 2
—
—
0.6
1
LSBs
Channel-to-channel gain matching2
——
2
—
%
Full scale output voltage2
Rset = 1.05 kΩ ±1%
Rload = 37.5 Ω ±1%
1.24
1.306
1.37
V
DAC DYNAMIC PERFORMANCE
Spurious Free Dynamic Range (SFDR)
Fout = 3.38 MHz
Fsamp = 216 MHz
—59
—
dBc
Spurious Free Dynamic Range (SFDR)
Fout = 9.28 MHz
Fsamp = 297 MHz
—54
—
dBc
VIDEO PERFORMANCE IN SD MODE2
Short Term Jitter (Line to Line)
—
—
2.5
—
±ns
Long Term Jitter (Field to Field)
—
—
3.5
—
±ns
Frequency Response
0-4.0 MHz
–0.1
—
0.1
dB
5.75 MHz
–0.7
—
0
dB
Luminance Nonlinearity
—
—
0.5
—
±%
Differential Gain
—
—
0.35
—
%
Differential Phase
—
—
0.6
—
Degrees
Signal-to-Noise Ratio (SNR)
Flat field full bandwidth
—
75
—
dB
Hue Accuracy
—
—
0.8
—
±Degrees
Color Saturation Accuracy
—
—
1.5
—
±%
Chroma AM Noise
—
—
–70
—
dB
Chroma PM Noise
—
—
–47
—
dB
Chroma Nonlinear Phase
—
—
0.5
—
±Degrees
Chroma Nonlinear Gain
—
—
2.5
—
±%
Chroma/Luma Intermodulation
—
—
0.1
—
±%
Chroma/Luma Gain Inequality
—
—
1.0
—
±%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com