Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 30Page - NXP Semiconductors PCF8576 Datasheet HTML 31Page - NXP Semiconductors PCF8576 Datasheet HTML 32Page - NXP Semiconductors PCF8576 Datasheet HTML 33Page - NXP Semiconductors PCF8576 Datasheet HTML 34Page - NXP Semiconductors PCF8576 Datasheet HTML 35Page - NXP Semiconductors PCF8576 Datasheet HTML 36Page - NXP Semiconductors PCF8576 Datasheet HTML 37Page - NXP Semiconductors PCF8576 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
2001 Oct 02
34
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
12.1
Chip-on-glass cascadability in single plane
In chip-on-glass technology, where driver devices are
bonded directly onto glass of the LCD, it is important that
the devices may be cascaded without the crossing of
conductors, but the paths of conductors can be continued
on the glass under the chip. All of this is facilitated by the
PCF8576 bonding pad layout (see Fig.30). Pads needing
bus interconnection between all PCF8576s of the cascade
are VDD, VSS, VLCD, CLK, SCL, SDA and SYNC. These
lines may be led to the corresponding pads of the next
PCF8576 through the wide opening between VLCD pad
and the backplane output pads. The only bus line that does
not require a second opening to lead through to the next
PCF8576 is VLCD, being the cascade centre. The placing
of VLCD adjacent to VSS allows the two supplies to be
connected together.
When an external clocking source is to be used, OSC of all
devices should be connected to VDD. The pads OSC,
A0, A1, A2 and SA0 have been placed between
VSS and VDD to facilitate wiring of oscillator, hardware
subaddress and slave address.
13 BONDING PAD INFORMATION
Fig.30 Bonding pad locations.
Bonding pad dimensions: 120
× 120 µm.
Gold bump dimensions: 94
× 94 × 25 µm.
handbook, full pagewidth
MBK282
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
S3
S2
S1
S0
BP3
BP1
BP2
BP0
VLCD
VSS
SA0
A2
S33
S32
S31
S30
S29
S28
S27
S26
S25
S24
S23
S22
S21
S20
S19
S18
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
14
PCF8576
x
y
0
0
cascade
centre
3.07 mm
4.12
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com