Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 33Page - NXP Semiconductors PCF8576 Datasheet HTML 34Page - NXP Semiconductors PCF8576 Datasheet HTML 35Page - NXP Semiconductors PCF8576 Datasheet HTML 36Page - NXP Semiconductors PCF8576 Datasheet HTML 37Page - NXP Semiconductors PCF8576 Datasheet HTML 38Page - NXP Semiconductors PCF8576 Datasheet HTML 39Page - NXP Semiconductors PCF8576 Datasheet HTML 40Page - NXP Semiconductors PCF8576 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
2001 Oct 02
37
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
15 TRAY INFORMATION: PCF8576U/2
handbook, full pagewidth
1,1
x,1
2,1
1,2
1,y
x,y
x
y
F
H
G
D
A
C
B
MGW014
E
K
L
M
J
A
A
SECTION A-A
Fig.33 Tray details.
For dimensions see Table 17.
Table 18 Tray dimensions (see Fig.31)
handbook, halfpage
MGW015
PCF8576U/2
Fig.34 Tray alignment.
The orientation of the IC in a pocket is indicated by the
position of the IC type name on the die surface with respect to
the chamfer on the upper left corner of the tray.
SYMBOL
DESCRIPTION
VALUE
A
pocket pitch; x direction
5.33 mm
B
pocket pitch; y direction
7.11 mm
C
pocket width; x direction
3.43 mm
D
pocket width; y direction
4.67 mm
E
tray width; x direction
50.67 mm
F
tray width; y direction
50.67 mm
G
cut corner to pocket 1,1 centre
6.67 mm
H
cut corner to pocket 1,1 centre
7.56 mm
J
tray thickness
3.94 mm
K
tray cross section
1.76 mm
L
tray cross section
2.46 mm
M
pocket depth
0.89 mm
x
number of pockets; x direction
8
y
number of pockets; y direction
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com