Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 7Page - NXP Semiconductors PCF8576 Datasheet HTML 8Page - NXP Semiconductors PCF8576 Datasheet HTML 9Page - NXP Semiconductors PCF8576 Datasheet HTML 10Page - NXP Semiconductors PCF8576 Datasheet HTML 11Page - NXP Semiconductors PCF8576 Datasheet HTML 12Page - NXP Semiconductors PCF8576 Datasheet HTML 13Page - NXP Semiconductors PCF8576 Datasheet HTML 14Page - NXP Semiconductors PCF8576 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
2001 Oct 02
11
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
Fig.6 Waveforms for the 1 : 2 multiplex drive mode with 1
⁄3bias (Vop =VDD − VLCD).
V
state1 t
()
V
S
n
t
()
V
BP0 t
()
–
=
V
on(rms)
0.745V
op
=
V
state2 t
()
V
S
n
t
()
V
BP1 t
()
–
=
V
off(rms)
0.333V
op
=
MBE541
VDD
2V
/3
op
Vop
state 1
0
BP0
S n 1
(a) waveforms at driver
(b) resultant waveforms
at LCD segment
LCD segments
state 2
Tframe
V
V
/3
DD
op
VLCD
BP1
Sn
Vop
state 1
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
V
/3
op
2V
/3
op
V
/3
op
2V
/3
op
Vop
state 2
0
Vop
V
/3
op
2V
/3
op
V
/3
op



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com