Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 27Page - NXP Semiconductors PCF8576 Datasheet HTML 28Page - NXP Semiconductors PCF8576 Datasheet HTML 29Page - NXP Semiconductors PCF8576 Datasheet HTML 30Page - NXP Semiconductors PCF8576 Datasheet HTML 31Page - NXP Semiconductors PCF8576 Datasheet HTML 32Page - NXP Semiconductors PCF8576 Datasheet HTML 33Page - NXP Semiconductors PCF8576 Datasheet HTML 34Page - NXP Semiconductors PCF8576 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
2001 Oct 02
31
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
11.1
Typical supply current characteristics
Fig.23
−ISS as a function of fframe.
VDD = 5 V; VLCD = 0 V; Tamb =25 °C.
0
200
50
0
10
MBE530
20
30
40
100
I
SS
(
µA)
f
(Hz)
frame
normal
mode
power-saving
mode
Fig.24
−ILCD as a function of fframe.
VDD = 5 V; VLCD = 0 V; Tamb =25 °C.
0
200
50
0
10
MBE529
20
30
40
100
I
LCD
(
µA)
f
(Hz)
frame
Fig.25 ISS as a function of VDD.
VLCD = 0 V; external clock; Tamb =25 °C.
handbook, halfpage
010
50
0
10
MBE528 - 1
20
30
40
5
I
SS
(
µA)
V
(V)
DD
power-saving mode
f
= 35 kHz
clk
normal mode
f
= 200 kHz
clk
Fig.26 ILCD as a function of VDD.
VLCD = 0 V; external clock; fclk = nominal frequency.
handbook, halfpage
010
50
0
10
MBE527 - 1
20
30
40
5
V
(V)
DD
I
LCD
(
µA)
85 C
o
25 C
o
40 C
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com