Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 20Page - NXP Semiconductors PCF8576 Datasheet HTML 21Page - NXP Semiconductors PCF8576 Datasheet HTML 22Page - NXP Semiconductors PCF8576 Datasheet HTML 23Page - NXP Semiconductors PCF8576 Datasheet HTML 24Page - NXP Semiconductors PCF8576 Datasheet HTML 25Page - NXP Semiconductors PCF8576 Datasheet HTML 26Page - NXP Semiconductors PCF8576 Datasheet HTML 27Page - NXP Semiconductors PCF8576 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
2001 Oct 02
24
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
Table 12 BANK SELECT option 2
Table 13 BLINK option 1
Table 14 BLINK option 2
7.9
Display controller
The display controller executes the commands identified
by the command decoder. It contains the status registers
of the PCF8576 and co-ordinates their effects. The
controller is also responsible for loading display data into
the display RAM as required by the filling order.
STATIC
1 : 2 MUX
BIT O
RAM bit 0
RAM bits 0 and 1
0
RAM bit 2
RAM bits 2 and 3
1
BLINK FREQUENCY
BITS
BF1
BF0
Off
0
0
2Hz
0
1
1Hz
1
0
0.5 Hz
1
1
BLINK MODE
BIT A
Normal blinking
0
Alternation blinking
1
7.10
Cascaded operation
In large display configurations, up to 16 PCF8576s can be
distinguished on the same I2C-bus by using the 3-bit
hardware subaddress (A0, A1 and A2) and the
programmable I2C-bus slave address (SA0). When
cascaded PCF8576s are synchronized so that they can
share the backplane signals from one of the devices in the
cascade. Such an arrangement is cost-effective in large
LCD applications since the backplane outputs of only one
device need to be through-plated to the backplane
electrodes of the display. The other PCF8576s of the
cascade contribute additional segment outputs but their
backplane outputs are left open-circuit (see Fig.18).
The SYNC line is provided to maintain the correct
synchronization between all cascaded PCF8576s. This
synchronization is guaranteed after the Power-on reset.
The only time that SYNC is likely to be needed is if
synchronization is accidentally lost (e.g. by noise in
adverse electrical environments; or by the definition of a
multiplex mode when PCF8576s with differing SA0 levels
are cascaded). SYNC is organized as an input/output pin;
the output selection being realized as an open-drain driver
with an internal pull-up resistor. A PCF8576 asserts the
SYNC line at the onset of its last active backplane signal
and monitors the SYNC line at all other times. Should
synchronization in the cascade be lost, it will be restored
by the first PCF8576 to assert SYNC. The timing
relationship between the backplane waveforms and the
SYNC signal for the various drive modes of the PCF8576
are shown in Fig.19.
For single plane wiring of packaged PCF8576s and
chip-on-glass cascading, see Chapter 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com