Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 31Page - NXP Semiconductors PCF8576 Datasheet HTML 32Page - NXP Semiconductors PCF8576 Datasheet HTML 33Page - NXP Semiconductors PCF8576 Datasheet HTML 34Page - NXP Semiconductors PCF8576 Datasheet HTML 35Page - NXP Semiconductors PCF8576 Datasheet HTML 36Page - NXP Semiconductors PCF8576 Datasheet HTML 37Page - NXP Semiconductors PCF8576 Datasheet HTML 38Page - NXP Semiconductors PCF8576 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
2001 Oct 02
35
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
Table 15 Bonding pad locations (dimensions in
µm)
All x and y coordinates are referenced to centre of chip
(see Fig.30).
Table 16 Bonding pad dimensions
SYMBOL
PAD
COORDINATES
xy
SDA
1
−155
−1900
SCL
2
45
−1900
SYNC
3
245
−1900
CLK
4
445
−1900
VDD
5
645
−1900
OSC
6
865
−1900
A0
7
1105
−1900
A1
8
1375
−1900
A2
9
1375
−1700
SA0
10
1375
−1500
VSS
11
1375
−1300
VLCD
12
1375
−1100
BP0
13
1375
300
BP2
14
1375
500
BP1
15
1375
700
BP3
16
1375
900
S0
17
1375
1100
S1
18
1375
1300
S2
19
1375
1500
S3
20
1375
1700
S4
21
1375
1900
S5
22
1105
1900
S6
23
865
1900
S7
24
645
1900
S8
25
445
1900
S9
26
245
1900
S10
27
45
1900
S11
28
−155
1900
S12
29
−355
1900
S13
30
−555
1900
S14
31
−755
1900
S15
32
−955
1900
S16
33
−1155
1900
S17
34
−1375
1900
S18
35
−1375
1660
S19
36
−1375
1420
S20
37
−1375
1200
S21
38
−1375
1000
S22
39
−1375
800
S23
40
−1375
600
S24
41
−1375
400
S25
42
−1375
200
S26
43
−1375
−200
S27
44
−1375
−400
S28
45
−1375
−600
S29
46
−1375
−800
S30
47
−1375
−1000
S31
48
−1375
−1200
S32
49
−1375
−1420
S33
50
−1375
−1660
S34
51
−1375
−1900
S35
52
−1155
−1900
S36
53
−955
−1900
S37
54
−755
−1900
S38
55
−555
−1900
S39
56
−355
−900
Pad pitch
200
µm
Pad size, aluminium
120
× 120 µm
Gold bump dimensions
94
× 94 × 25 µm
SYMBOL
PAD
COORDINATES
xy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com