Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 19Page - NXP Semiconductors PCF8576 Datasheet HTML 20Page - NXP Semiconductors PCF8576 Datasheet HTML 21Page - NXP Semiconductors PCF8576 Datasheet HTML 22Page - NXP Semiconductors PCF8576 Datasheet HTML 23Page - NXP Semiconductors PCF8576 Datasheet HTML 24Page - NXP Semiconductors PCF8576 Datasheet HTML 25Page - NXP Semiconductors PCF8576 Datasheet HTML 26Page - NXP Semiconductors PCF8576 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
2001 Oct 02
23
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
Table 4
Definition of PCF8576 commands
COMMAND
OPCODE
OPTIONS
DESCRIPTION
MODE SET
C 1
0
LP
E
B
M1
M0
Table 5
Defines LCD drive mode.
Table 6
Defines LCD bias configuration.
Table 7
Defines display status. The possibility to disable the
display allows implementation of blinking under
external control.
Table 8
Defines power dissipation mode.
LOAD DATA
POINTER
C 0 P5 P4 P3 P2
P1
P0
Table 9
Six bits of immediate data, bits P5 to P0, are
transferred to the data pointer to define one of forty
display RAM addresses.
DEVICE
SELECT
C 1
1
0
0
A2
A1
A0
Table 10
Three bits of immediate data, bits A2 to A0, are
transferred to the subaddress counter to define one of
eight hardware subaddresses.
BANK
SELECT
C 1
1110
I
O
Table 11
Defines input bank selection (storage of arriving
display data).
Table 12
Defines output bank selection (retrieval of LCD display
data). The BANK SELECT command has no effect in
1 : 3 and 1 : 4 multiplex drive modes.
BLINK
C 1
1
1
0
A
BF1 BF0
Table 13
Defines the blinking frequency.
Table 14
Selects the blinking mode; normal operation with
frequency set by BF1, BF0 or blinking by alternation of
display RAM banks. Alternation blinking does not
apply in 1 : 3 and 1 : 4 multiplex drive modes.
Table 5
MODE SET option 1
Table 6
MODE SET option 2
Table 7
MODE SET option 3
Table 8
MODE SET option 4
Table 9
LOAD DATA POINTER option 1
Table 10 DEVICE SELECT option 1
Table 11 BANK SELECT option 1
LCD DRIVE MODE
BITS
DRIVE MODE
BACKPLANE
M1
M0
Static
1 BP
0
1
1 : 2
MUX (2 BP)
1
0
1 : 3
MUX (3 BP)
1
1
1 : 4
MUX (4 BP)
0
0
LCD BIAS
BIT B
1
⁄3bias
0
1
⁄2bias
1
DISPLAY STATUS
BIT E
Disabled (blank)
0
Enabled
1
MODE
BIT LP
Normal mode
0
Power-saving mode
1
DESCRIPTION
BITS
6-bit binary value of 0 to 39 P5 P4 P3 P2 P1 P0
DESCRIPTION
BITS
3-bit binary value of 0 to 7
A2
A1
A0
STATIC
1 : 2 MUX
BIT I
RAM bit 0
RAM bits 0 and 1
0
RAM bit 2
RAM bits 2 and 3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com