Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 12Page - NXP Semiconductors PCF8576 Datasheet HTML 13Page - NXP Semiconductors PCF8576 Datasheet HTML 14Page - NXP Semiconductors PCF8576 Datasheet HTML 15Page - NXP Semiconductors PCF8576 Datasheet HTML 16Page - NXP Semiconductors PCF8576 Datasheet HTML 17Page - NXP Semiconductors PCF8576 Datasheet HTML 18Page - NXP Semiconductors PCF8576 Datasheet HTML 19Page - NXP Semiconductors PCF8576 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
2001 Oct 02
16
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
6.12
Data pointer
The addressing mechanism for the display RAM is
realized using the data pointer. This allows the loading of
an individual display data byte, or a series of display data
bytes, into any location of the display RAM. The sequence
commences with the initialization of the data pointer by the
LOAD DATA POINTER command. Following this, an
arriving data byte is stored starting at the display RAM
address indicated by the data pointer thereby observing
the filling order shown in Fig.11. The data pointer is
automatically incremented in accordance with the chosen
LCD configuration. That is, after each byte is stored, the
contents of the data pointer are incremented by eight
(static drive mode), by four (1 : 2 multiplex drive mode) or
by two (1 : 4 multiplex drive mode).
6.13
Subaddress counter
The storage of display data is conditioned by the contents
of the subaddress counter. Storage is allowed to take
place only when the contents of the subaddress counter
agree with the hardware subaddress applied to A0, A1
and A2. The subaddress counter value is defined by the
DEVICE SELECT command. If the contents of the
subaddress counter and the hardware subaddress do not
agree then data storage is inhibited but the data pointer is
incremented as if data storage had taken place. The
subaddress counter is also incremented when the data
pointer overflows.
The storage arrangements described lead to extremely
efficient data loading in cascaded applications. When a
series of display bytes are sent to the display RAM,
automatic wrap-over to the next PCF8576 occurs when
the last RAM address is exceeded. Subaddressing across
device boundaries is successful even if the change to the
next device in the cascade occurs within a transmitted
character (such as during the 14th display data byte
transmitted in 1 : 3 multiplex mode).
6.14
Output bank selector
This selects one of the four bits per display RAM address
for transfer to the display latch. The actual bit chosen
depends on the particular LCD drive mode in operation
and on the instant in the multiplex sequence. In 1 : 4
multiplex, all RAM addresses of bit 0 are the first to be
selected, these are followed by the contents of bit 1, bit 2
and then bit 3. Similarly in 1 : 3 multiplex, bits 0, 1 and 2
are selected sequentially. In 1 : 2 multiplex, bits 0 and 1
are selected and, in the static mode, bit 0 is selected.
The PCF8576 includes a RAM bank switching feature in
the static and 1 : 2 multiplex drive modes. In the static
drive mode, the BANK SELECT command may request
the contents of bit 2 to be selected for display instead of
bit 0 contents. In the 1 : 2 drive mode, the contents of
bits 2 and 3 may be selected instead of bits 0 and 1. This
gives the provision for preparing display information in an
alternative bank and to be able to switch to it once it is
assembled.
6.15
Input bank selector
The input bank selector loads display data into the display
RAM in accordance with the selected LCD drive
configuration. Display data can be loaded in bit 2 in static
drive mode or in bits 2 and 3 in 1 : 2 drive mode by using
the BANK SELECT command. The input bank selector
functions independent of the output bank selector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com