Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4152IPM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F4152IPM Datasheet HTML 1Page - Texas Instruments MSP430F4152IPM Datasheet HTML 2Page - Texas Instruments MSP430F4152IPM Datasheet HTML 3Page - Texas Instruments MSP430F4152IPM Datasheet HTML 4Page - Texas Instruments MSP430F4152IPM Datasheet HTML 5Page - Texas Instruments MSP430F4152IPM Datasheet HTML 6Page - Texas Instruments MSP430F4152IPM Datasheet HTML 7Page - Texas Instruments MSP430F4152IPM Datasheet HTML 8Page - Texas Instruments MSP430F4152IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D
Low Supply-Voltage Range, 1.8 V to 3.6 V
D
Ultralow Power Consumption
Active Mode: 220 Aat1MHz, 2.2V
Standby Mode: 0.9 A
Off Mode (RAM Retention): 0.1 A
D
Five Power-Saving Modes
D
Wake-Up From Standby Mode in Less
Than 6 s
-- Internal Very Low Power,
Low-Frequency Oscillator
D
16-Bit RISC Architecture,
125-ns Instruction Cycle Time
D
16-Bit Timer_A With Three
Capture/Compare Registers
D
16-Bit Timer_A With Five Capture/Compare
Registers
D
Two Universal Serial Communication
Interfaces (USCIs)
USCI_A0
-- Enhanced UART Supporting
Auto-Baudrate Detection
-- IrDA Encoder and Decoder
-- Synchronous SPI
USCI_B0
-- I2C
-- Synchronous SPI
D
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D
Integrated LCD Driver With Contrast
Control for Up to 144 Segments
D
Basic Timer With Real Time Clock Feature
D
Brownout detector
D
On-Chip Comparator for Analog Signal
Compare Function or Slope A/D
D
10-Bit 200-ksps Analog-to-Digital (A/D)
Converter With Internal Reference,
Sample-and-Hold, Autoscan, and Data
Transfer Controller
D
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D
Bootstrap Loader
D
On-Chip Emulation Module
D
Family Members Include:
MSP430F4152: 16KB+256B Flash Memory
512B RAM
MSP430F4132: 8KB+256B Flash Memory
512B RAM
D
Available in 64-Pin QFP Package and
48-Pin QFN Package (See Available
Options)
D
For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generator that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 s.
The MSP430F41x2 is a microcontroller configuration with two 16-bit timers, a basic timer with a real--time clock,
a 10-bit A/D converter, a versatile analog comparator, two universal serial communication interfaces, up to 48
I/O pins, and a liquid crystal display driver.
Typical applications for this device include analog and digital sensor systems, remote controls, thermostats,
digital timers, hand-held meters, etc.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright  2011, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430F4152IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F4152IPM TI1-MSP430F4152IPM Datasheet
1Mb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F4152IPM TI2-MSP430F4152IPM Datasheet
2Mb / 85P
MIXED SIGNAL MICROCONTROLLER
REVISED MARCH 2011
MSP430F4152IPM.A TI2-MSP430F4152IPM.A Datasheet
2Mb / 85P
MIXED SIGNAL MICROCONTROLLER
REVISED MARCH 2011
MSP430F4152IPMR TI1-MSP430F4152IPMR Datasheet
1Mb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F4152IPMR TI2-MSP430F4152IPMR Datasheet
2Mb / 85P
MIXED SIGNAL MICROCONTROLLER
REVISED MARCH 2011
More results

Similar Description - MSP430F4152IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com