Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4152IPM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 8Page - Texas Instruments MSP430F4152IPM Datasheet HTML 9Page - Texas Instruments MSP430F4152IPM Datasheet HTML 10Page - Texas Instruments MSP430F4152IPM Datasheet HTML 11Page - Texas Instruments MSP430F4152IPM Datasheet HTML 12Page - Texas Instruments MSP430F4152IPM Datasheet HTML 13Page - Texas Instruments MSP430F4152IPM Datasheet HTML 14Page - Texas Instruments MSP430F4152IPM Datasheet HTML 15Page - Texas Instruments MSP430F4152IPM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
interrupt vector addresses
The interrupt vectors and the power-up starting address are located in the address range 0xFFFF to 0xFFC0.
The vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
If the reset vector (located at address 0xFFFE) contains 0xFFFF (e.g., flash is not programmed), the CPU goes
into LPM4 immediately after power-up.
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD
ADDRESS
PRIORITY
Power-Up
External Reset
Watchdog
Flash Memory
PC Out--of--Range (see Note 4)
PORIFG
RSTIFG
WDTIFG
KEYV
(see Note 1)
Reset
0xFFFE
15, highest
NMI
Oscillator Fault
Flash Memory Access Violation
NMIIFG (see Notes 1 and 3)
OFIFG (see Notes 1 and 3)
ACCVIFG (see Notes 1, 2, and 4)
(Non)maskable
(Non)maskable
(Non)maskable
0xFFFC
14
Timer_A5
TA1CCR0 CCIFG0 (see Note 2)
Maskable
0xFFFA
13
Timer_A5
TA1CCR1 to TACCR4 CCIFGs,
and TAIFG (see Notes 1 and 2)
Maskable
0xFFF8
12
Comparator_A+
CAIFG
Maskable
0xFFF6
11
Watchdog Timer+
WDTIFG
Maskable
0xFFF4
10
USCI_A0/B0 Receive
UCA0RXIFG (see Note 1),
UCB0RXIFG (SPI mode), or
UCB0STAT UCALIFG, UCNACKIFG, UCSTTIFG,
UCSTPIFG (I2C mode)
(see Note 1)
Maskable
0xFFF2
9
USCI_A0/B0 Transmit
UCA0TXIFG (see Note 1),
UCB0TXIFG (SPI mode), or
UCB0RXIFG and UCB0TXIFG (I2C mode)
(see Note 1)
Maskable
0xFFF0
8
ADC10
ADC10IFG (see Note 2)
Maskable
0xFFEE
7
Timer_A3
TACCR0 CCIFG0 (see Note 2)
Maskable
0xFFEC
6
Timer_A3
TACCR1 CCIFG1 and TACCR2 CCIFG2,
TAIFG (see Notes 1 and 2)
Maskable
0xFFEA
5
I/O Port P1 (Eight Flags)
P1IFG.0 to P1IFG.7 (see Notes 1 and 2)
Maskable
0xFFE8
4
0xFFE6
3
0xFFE4
2
I/O Port P2 (Eight Flags)
P2IFG.0 to P2IFG.7 (see Notes 1 and 2)
Maskable
0xFFE2
1
Basic Timer1/RTC
BTIFG
Maskable
0xFFE0
0, lowest
NOTES: 1. Multiple source flags
2. Interrupt flags are located in the module.
3. A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h to 01FFh).
(Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot disable it.
4. Access and key violations, KEYV and ACCVIFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com