Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4152IPM Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 15Page - Texas Instruments MSP430F4152IPM Datasheet HTML 16Page - Texas Instruments MSP430F4152IPM Datasheet HTML 17Page - Texas Instruments MSP430F4152IPM Datasheet HTML 18Page - Texas Instruments MSP430F4152IPM Datasheet HTML 19Page - Texas Instruments MSP430F4152IPM Datasheet HTML 20Page - Texas Instruments MSP430F4152IPM Datasheet HTML 21Page - Texas Instruments MSP430F4152IPM Datasheet HTML 22Page - Texas Instruments MSP430F4152IPM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
19
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ADC10
The ADC10 module supports fast 10-bit analog-to-digital conversions. The module implements a 10-bit SAR
core, sample select control, reference generator, and data transfer controller (DTC) for automatic conversion
result handling, allowing ADC samples to be converted and stored without any CPU intervention.
peripheral file map
PERIPHERALS WITH WORD ACCESS
Watchdog
Watchdog timer control
WDTCTL
0120h
Timer0_A3
Capture/compare register 2
TA0CCR2
0176h
Timer0_A3
Capture/compare register 2
Capture/compare register 1
TA0CCR2
TA0CCR1
0176h
0174h
Capture/compare register 1
Capture/compare register 0
TA0CCR1
TA0CCR0
0174h
0172h
p
/
p
g
Timer_A register
TA0R
0170h
_
g
Capture/compare control 2
TA0CCTL2
0166h
p
p
Capture/compare control 1
TA0CCTL1
0164h
Capture/compare control 0
TA0CCTL0
0162h
Timer_A control
TA0CTL
0160h
Timer_A interrupt vector
TA0IV
012Eh
Timer1_A5
Capture/compare register 4
C t
/
i t 3
TA1CCR4
TA1CCR3
019A
0198
Capture/compare register 3
Capture/compare register 2
TA1CCR3
TA1CCR2
0198
0196h
Capture/compare register 2
Capture/compare register 1
TA1CCR2
TA1CCR1
0196h
0194h
Capture/compare register 0
Timer A register
TA1CCR0
TA1R
0192h
0190h
Timer_A register
Capture/compare control 4
TA1R
TA1CCTL4
0190h
018A
p
p
Capture/compare control 3
Capture/compare control 2
TA1CCTL3
TA1CCTL2
0188
0186h
Capture/compare control 2
Capture/compare control 1
TA1CCTL2
TA1CCTL1
0186h
0184h
p
/
p
Capture/compare control 0
Timer A control
TA1CCTL0
TA1CTL
0182h
0180h
Timer_A control
Timer_A interrupt vector
TA1CTL
TA1IV
0180h
011Eh
Flash
Flash control 3
FCTL3
012Ch
Flash
Flash control 3
Flash control 2
FCTL3
FCTL2
012Ch
012Ah
Flash control 2
Flash control 1
FCTL2
FCTL1
012Ah
0128h
ADC10
ADC data transfer start address
ADC memory
ADC control register 1
ADC control register 0
ADC analog enable 0
ADC analog enable 1
ADC data transfer control register 1
ADC data transfer control register 0
ADC10SA
ADC10MEM
ADC10CTL1
ADC10CTL0
ADC10AE0
ADC10AE1
ADC10DTC1
ADC10DTC0
01BCh
01B4h
01B2h
01B0h
004Ah
004Bh
0049h
0048h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com