Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4152IPM Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 14Page - Texas Instruments MSP430F4152IPM Datasheet HTML 15Page - Texas Instruments MSP430F4152IPM Datasheet HTML 16Page - Texas Instruments MSP430F4152IPM Datasheet HTML 17Page - Texas Instruments MSP430F4152IPM Datasheet HTML 18Page - Texas Instruments MSP430F4152IPM Datasheet HTML 19Page - Texas Instruments MSP430F4152IPM Datasheet HTML 20Page - Texas Instruments MSP430F4152IPM Datasheet HTML 21Page - Texas Instruments MSP430F4152IPM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Timer1_A5
Timer_A5 is a 16-bit timer/counter with five capture/compare registers. Timer_A5 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A5 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
TIMER_A5 SIGNAL CONNECTIONS
INPUT PIN NUMBER
DEVICE INPUT
MODULE
MODULE
MODULE
OUTPUT
OUTPUT PIN NUMBER
PM
RGZ
DEVICE INPUT
SIGNAL
MODULE
INPUT NAME
MODULE
BLOCK
OUTPUT
SIGNAL
PM
RGZ
32 -- P3.3
--
TA1CLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
32 -- P3.3
--
TA1CLK
TACLK
49 -- P1.4
--
TA1.0
CCI0A
49 -- P1.4
--
50 -- P1.3
--
TA1.0
CCI0B
CCR0
TA0
ADC10 (internal)
ADC10 (internal)
DVSS
GND
CCR0
TA0
DVCC
VCC
44 -- P5.0
--
TA1.1
CCI1A
44 -- P5.0
--
CAOUT (internal)
CCI1B
CCR1
TA1
27 -- P2.0
23 -- P2.0
DVSS
GND
CCR1
TA1
ADC10 (internal)
ADC10 (internal)
DVCC
VCC
35 -- P3.0
--
TA1.2
CCI2A
35 -- P3.0
--
ACLK (internal)
CCI2B
CCR2
TA2
26 -- P2.1
22 -- P2.1
DVSS
GND
CCR2
TA2
63 -- P6.0
47 -- P6.0
DVCC
VCC
34 -- P3.1
--
TA1.3
CCI3A
34 -- P3.1
--
61 -- P7.5
45 -- P7.5
TA1.3
CCI3B
CCR3
TA3
25 -- P2.2
21 -- P2.2
DVSS
GND
CCR3
TA3
61 -- P7.5
45 -- P7.5
DVCC
VCC
33 -- P3.2
--
TA1.4
CCI4A
33 -- P3.2
--
60 -- P7.4
44 -- P7.4
TA1.4
CCI4B
CCR4
TA4
24 -- P2.3
20 -- P2.3
DVSS
GND
CCR4
TA4
60 -- P7.4
44 -- P7.4
DVCC
VCC
universal serial communication interface (USCI) (USCI_A0, USCI_B0)
The USCI module is used for serial data communication. The USCI module supports synchronous
communication protocols like SPI (3 or 4 pin), I2C and asynchronous communication protocols like UART,
enhanced UART with automatic baudrate detection (LIN), and IrDA.
USCI_A0 provides support for SPI (3 or 4 pin), UART, enhanced UART, and IrDA.
USCI_B0 provides support for SPI (3 or 4 pin) and I2C.
Comparator_A+
The primary function of the comparator_A+ module is to support precision slope analog-to-digital conversions,
battery-voltage supervision, and monitoring of external analog signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com