Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4152IPM Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 23Page - Texas Instruments MSP430F4152IPM Datasheet HTML 24Page - Texas Instruments MSP430F4152IPM Datasheet HTML 25Page - Texas Instruments MSP430F4152IPM Datasheet HTML 26Page - Texas Instruments MSP430F4152IPM Datasheet HTML 27Page - Texas Instruments MSP430F4152IPM Datasheet HTML 28Page - Texas Instruments MSP430F4152IPM Datasheet HTML 29Page - Texas Instruments MSP430F4152IPM Datasheet HTML 30Page - Texas Instruments MSP430F4152IPM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
27
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
outputs -- ports P1, P2, P3, P4, P5, P6, and P7
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
IOH(max) =--1.5 mA,
VCC =2.2 V
(see Note 1)
VCC--0.25
VCC
V
High le el o tp t oltage
IOH(max) =--6 mA,
VCC =2.2 V
(see Note 2)
VCC--0.6
VCC
V
VOH
High-level output voltage
IOH(max) =--1.5 mA,
VCC =3V
(see Note 1)
VCC--0.25
VCC
V
IOH(max) =--6 mA,
VCC =3V
(see Note 2)
VCC--0.6
VCC
IOL(max) =1.5 mA,
VCC =2.2 V
(see Note 1)
VSS
VSS+0.25
V
Low level output voltage
IOL(max) =6mA,
VCC =2.2 V
(see Note 2)
VSS
VSS+0.6
V
VOL
Low-level output voltage
IOL(max) =1.5 mA,
VCC =3V
(see Note 1)
VSS
VSS+0.25
V
IOL(max) =6mA,
VCC =3V
(see Note 2)
VSS
VSS+0.6
NOTES: 1. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed 12 mA to satisfy the maximum
specified voltage drop.
2. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed 48 mA to satisfy the maximum
specified voltage drop.
output frequency
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(Px.y)
(x =1,2,3,4,5,6,7,0  y  7)
CL =20pF, IL = 1.5 mA
VCC =2.2 V/3V
dc
fSystem
MHz
f(MCLK)
P1.1/TA0.0/MCLK/S30
CL =20pF
fSystem
MHz
P1.1/TA0.0/MCLK/S30,
f(MCLK) =f(XT1)
40%
60%
t(Xdc)
Duty cycle of output frequency
P1.1/TA0.0/MCLK/S30,
CL =20pF,
VCC =2.2 V/3V
f(MCLK) =f(DCOCLK)
50%--
15 ns
50%
50%+
15 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com