Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4152IPM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 5Page - Texas Instruments MSP430F4152IPM Datasheet HTML 6Page - Texas Instruments MSP430F4152IPM Datasheet HTML 7Page - Texas Instruments MSP430F4152IPM Datasheet HTML 8Page - Texas Instruments MSP430F4152IPM Datasheet HTML 9Page - Texas Instruments MSP430F4152IPM Datasheet HTML 10Page - Texas Instruments MSP430F4152IPM Datasheet HTML 11Page - Texas Instruments MSP430F4152IPM Datasheet HTML 12Page - Texas Instruments MSP430F4152IPM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
64
PIN
48
PIN
I/O
DESCRIPTION
P7.3/TCK/S35
57
41
I/O
General-purpose digital I/O pin
Test clock input for device programming and test
LCD segment output
P7.4/TA1.4/
A0/CA2
60
44
I/O
General-purpose digital I/O pin
Timer1_A5, capture: CCI4B input, compare: Out4 output
ADC10 analog input A0
Comparator_A input 2
P7.5/TA1.3/
A1/CA3
61
45
I/O
General-purpose digital I/O pin
Timer1_A5, capture: CCI3B input, compare: Out3 output
ADC10 analog input A1
Comparator_A input 3
P7.6/TA0.2/S25
45
--
I/O
General-purpose digital I/O pin
Timer0_A3, capture: CCI2A input, compare: Out2 output
LCD segment output
AVCC
64
48
Analog supply voltage, positive terminal
AVSS
62
46
Analog supply voltage, negative terminal
DVCC
7
3
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS
10
6
Digital supply voltage, negative terminal. Supplies all digital parts.
XOUT
9
5
O
Output port for crystal oscillator XT1. Standard or watch crystals can be connected.
XIN
8
4
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
RST/NMI/
SBWTDIO
58
42
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCLK
59
43
I
Selects test mode for JTAG pins on Port7. The device protection fuse is connected to TEST.
Thermal Pad
NA
NA
NA
QFN package pad (RGZ package only). Connection to DVSS is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com