Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4152IPM Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 13Page - Texas Instruments MSP430F4152IPM Datasheet HTML 14Page - Texas Instruments MSP430F4152IPM Datasheet HTML 15Page - Texas Instruments MSP430F4152IPM Datasheet HTML 16Page - Texas Instruments MSP430F4152IPM Datasheet HTML 17Page - Texas Instruments MSP430F4152IPM Datasheet HTML 18Page - Texas Instruments MSP430F4152IPM Datasheet HTML 19Page - Texas Instruments MSP430F4152IPM Datasheet HTML 20Page - Texas Instruments MSP430F4152IPM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
watchdog timer (WDT+)
The primary function of the WDT+ module is to perform a controlled system restart after a software problem
occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not needed
in an application, the module can be configured as an interval timer and can generate interrupts at selected time
intervals.
Basic Timer1 and Real-Time Clock (RTC)
The Basic Timer1 has two independent 8-bit timers which can be cascaded to form a 16-bit timer/counter. Both
timers can be read and written by software. The Basic Timer1 is extended to provide an integrated real-time
clock (RTC). An internal calendar compensates for month with less than 31 days and includes leap year
correction.
LCD_A driver with regulated charge pump
The LCD_A driver generates the segment and common signals required to drive an LCD display. The LCD_A
controller has dedicated data memory to hold segment drive information. Common and segment signals are
generated as defined by the mode. Static, 2--MUX, 3--MUX, and 4--MUX LCDs are supported by this peripheral.
The module can provide a LCD voltage independent of the supply voltage via an integrated charge pump.
Furthermore it is possible to control the level of the LCD voltage and thus contrast in software.
Timer0_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
TIMER_A3 SIGNAL CONNECTIONS
INPUT PIN NUMBER
DEVICE INPUT
MODULE
MODULE
MODULE
OUTPUT
OUTPUT PIN NUMBER
PM
RGZ
DEVICE INPUT
SIGNAL
MODULE
INPUT NAME
MODULE
BLOCK
OUTPUT
SIGNAL
PM
RGZ
48 -- P1.5
46 -- P1.7
35 -- P1.5
33 -- P1.7
TA0CLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
48 -- P1.5
35 -- P1.5
TA0CLK
TACLK
53 -- P1.0
37 -- P1.0
TA0.0
CCI0A
53 -- P1.0
37 -- P1.0
52 -- P1.1
36 -- P1.1
TA0.0
CCI0B
CCR0
TA0
32 -- P3.3
--
DVSS
GND
CCR0
TA0
DVCC
VCC
51 -- P1.2
--
TA0.1
CCI1A
51 -- P1.2
CAOUT (internal)
CCI1B
CCR1
TA1
ADC10 (internal)
ADC10 (internal)
DVSS
GND
CCR1
TA1
DVCC
VCC
45 -- P7.6
--
TA0.2
CCI2A
45 -- P7.6
--
ACLK (internal)
CCI2B
CCR2
TA2
DVSS
GND
CCR2
TA2
DVCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com