Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 13Page - Integrated Device Technology ICS1532 Datasheet HTML 14Page - Integrated Device Technology ICS1532 Datasheet HTML 15Page - Integrated Device Technology ICS1532 Datasheet HTML 16Page - Integrated Device Technology ICS1532 Datasheet HTML 17Page - Integrated Device Technology ICS1532 Datasheet HTML 18Page - Integrated Device Technology ICS1532 Datasheet HTML 19Page - Integrated Device Technology ICS1532 Datasheet HTML 20Page - Integrated Device Technology ICS1532 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
17
Revision 060804
www.idt.com
ICS1532
3Ah
B_Offset
7-0 B_Offset
Blue channel offset (00=minimum offset)
07h
3Bh
IBias
7-6 IBias_Buf
ADC Buffer Bias Adjustment
10
5-4 IBias_VA
Video Amp Bias Adjustment
10
3-0 IBias_ADC
ADC Bias Adjustment
1010
3Ch
Test_Mux
7-3 CTM
Channel Test Mux
1010
2-0 BGTM
Band Gap Test Mux
1010
Table 4-2.
New Register Set Outline (Continued)
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com