Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 18Page - Integrated Device Technology ICS1532 Datasheet HTML 19Page - Integrated Device Technology ICS1532 Datasheet HTML 20Page - Integrated Device Technology ICS1532 Datasheet HTML 21Page - Integrated Device Technology ICS1532 Datasheet HTML 22Page - Integrated Device Technology ICS1532 Datasheet HTML 23Page - Integrated Device Technology ICS1532 Datasheet HTML 24Page - Integrated Device Technology ICS1532 Datasheet HTML 25Page - Integrated Device Technology ICS1532 Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
22
Revision 060804
www.idt.com
10.2
Programming Flow for Modifying PLL and DPA Settings
Figure 10-2.
ICS1532 Flow for Capture/Input Clock PLL
Start
Scaler
Determ ines
m ode
Changing PLL
Param eters?
Set Input, PFD G ain, Post
Scaler and Feedback Divider
Regs 0~3
YES
PLL S/W
Reset
RegA=50h
PLL Locked?
Adjust
PFD G ain
and/or
Post Scaler
NO
Set
DPA Resolution, Reg5
and DPA O ffset, Reg4
YES
DPA S/W
Reset
RegA=0Ah
Correct Phase
Relationship?
NO
Adjust
DPA offset
Reg4
Done
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com