Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 16Page - Integrated Device Technology ICS1532 Datasheet HTML 17Page - Integrated Device Technology ICS1532 Datasheet HTML 18Page - Integrated Device Technology ICS1532 Datasheet HTML 19Page - Integrated Device Technology ICS1532 Datasheet HTML 20Page - Integrated Device Technology ICS1532 Datasheet HTML 21Page - Integrated Device Technology ICS1532 Datasheet HTML 22Page - Integrated Device Technology ICS1532 Datasheet HTML 23Page - Integrated Device Technology ICS1532 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
20
Revision 060804
www.idt.com
Chapter 9
Input Termination
The ICS1532 is a high speed Analog to Digital
converter capable of operating at 110 MSPS. Since
VGA/VESA video is comprised of 700 mV vpp
waveforms potentially toggling high speed, care needs
to be taken to preserve the quality of these analog input
signals from reflections and coupled noise all the way
to the input pins of the ICS1532.
The R, G and B video inputs and their dedicated return
signals must be…
• Routed as a clean, minimal length traces to
minimize loading and pickup
• 75 Ohm characteristic impedance to
eliminate reflections
• Appropriate signal pairs being located as
close as possible to each other and far from
noise sources
• Properly terminated as shown in Figure 9-1
with termination resistors placed as close to
the ICS1532 as possible.
Figure 9-1.
Recommended Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com