Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 29 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 25Page - Integrated Device Technology ICS1532 Datasheet HTML 26Page - Integrated Device Technology ICS1532 Datasheet HTML 27Page - Integrated Device Technology ICS1532 Datasheet HTML 28Page - Integrated Device Technology ICS1532 Datasheet HTML 29Page - Integrated Device Technology ICS1532 Datasheet HTML 30Page - Integrated Device Technology ICS1532 Datasheet HTML 31Page - Integrated Device Technology ICS1532 Datasheet HTML 32Page - Integrated Device Technology ICS1532 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
29
Revision 060804
www.idt.com
ICS1532
Chapter 12
Timing Diagrams
12.1
AC Timing Diagrams
12.1.1
Phase-Locked-Loop Timing for Digital Setup and Hold
The input HSYNC signal is used to generate the REF output signal. In the Phase/Frequency Detector, the
REF signal is compared with ADCSYNC (which provides the recovered HSYNC signal). Table 12-1 gives
the timing for these signals, and Figure 12-1 shows timing characteristics.
Figure 12-1.
Timing for Phase-Locked Loop
Table 12-1.
Phase-Locked-Loop Timing
Time
Period
Timing Description
Min
Typ
Max
Units
t1
Input HSYNC Rise Time to
REF Rise Time
TBD
7
TBD
ns
Tp
ADCRCLK Period
ns
Td
ADCRCLK Duty Cycle
45-55
50-50
55-45
%
t2
ADCSYNC Active Time
4 x Tp
ns
Tp
Input HSYNC Frequency
(Reg 03 and 02) + 8
=
Tp
t1
HSYNC
CLK
ADCSYNC
t2
Td
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com