Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 11Page - Integrated Device Technology ICS1532 Datasheet HTML 12Page - Integrated Device Technology ICS1532 Datasheet HTML 13Page - Integrated Device Technology ICS1532 Datasheet HTML 14Page - Integrated Device Technology ICS1532 Datasheet HTML 15Page - Integrated Device Technology ICS1532 Datasheet HTML 16Page - Integrated Device Technology ICS1532 Datasheet HTML 17Page - Integrated Device Technology ICS1532 Datasheet HTML 18Page - Integrated Device Technology ICS1532 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
15
Revision 060804
www.idt.com
ICS1532
28h
MCLK-SS0
R/W. D-MK.
7-0 MCLK_SS0
Select MCLK spread-spectrum counter LSB’s bits 7-0
See Reg29 - Controls amount of frequency spread
Allowed Values = (288 *N / M) + 8
0
29h
MCLK-SS1
R/W. D-MK.
7-4 Reserved
Reserved
1010
3-0 MCLK_SS1
Select MCLK spread-spectrum counter MSBs bits 11-8
See Reg28
0
2Ah
MCLK-SSOE
R/W. D-MK.
7-6 MCLK_SS
Select MCLK spread-spectrum gain
0
– 00 = The gain is 1
– 01 = The gain is 2
– 10 = The gain is 4
– 11 = The gain is 8
5
Reserved
Reserved
0
4-2 MCLK_PFD
Select MCLK Phase/Frequency Detector gain
– 000 = Gain is 1
– 001 = Gain is 2
– 010 = Gain is 4
– 011 = Gain is 8
– 100 = Gain is 16, and so forth...
0
1-0 MCLK_OSD
Select value for MCLK Output Scaler Divider
– 00 = Divide by 1
– 01 = Divide by 2
– 10 = Divide by 4
– 11 = Divide by 8
0
2Bh
MCLK-OE
R/W
7-2 Reserved
Reserved
010000
1
MCLK_SSENB
Enable MCLK spread-spectrum (1 = Enabled)
0
0
MCLK_OE
Enable MCLK output (1 = Enabled)
0
2Ch
OUTPUT MUX
R/W
7
High_Drive#
Disable high drive for ADC pixel data output pins
0
6
OE_OSC
Enable OSCOUT output pin (1 = Enabled)
1
5-4 OSC_Sel
Select OSCOUT Output
– 00 = OSCOUT source is OSC.
– 01 = OSCOUT source is OSCDIVIDER (Reg7)
– 10 = OSCOUT source is OSC/2.
– 11 = Reserved
0
3
Reserved
Reserved
0
2
REFSEL
Select REF status
0
1-0 LCKSEL#
Select active low output for STATUS (pin 111)
Low when selection below is properly locked, else high
– 00 = Main Pixel PLL
– 01 = MCLK: Memory Clock
– 10 = Reserved
– 11 = PNLCLK: Panel Clock
1
2Dh
PLL Reset
Write
7-4 MCLK_Reset
Writing 5xh resets MCLK PLL & loads Regs 26h~2Bh
N/A
3-0 PNLCLK_Reset
Writing xAh resets PNLCLK PLL & loads Regs 20~25h
N/A
2Eh-2Fh Reserved
N/A
30h
ADC CTRL
R/W
7
ADC_OE
Enable ADC output (1 = Enabled)
0
??????
6
ADC_Inv
Invert ADCRCLK signal (1=Latch data on rising edge)
0
5
Force_ADC
Force ADC Outputs to state of Reg30:3
1
Table 4-2.
New Register Set Outline (Continued)
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com