Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 12Page - Integrated Device Technology ICS1532 Datasheet HTML 13Page - Integrated Device Technology ICS1532 Datasheet HTML 14Page - Integrated Device Technology ICS1532 Datasheet HTML 15Page - Integrated Device Technology ICS1532 Datasheet HTML 16Page - Integrated Device Technology ICS1532 Datasheet HTML 17Page - Integrated Device Technology ICS1532 Datasheet HTML 18Page - Integrated Device Technology ICS1532 Datasheet HTML 19Page - Integrated Device Technology ICS1532 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
16
Revision 060804
www.idt.com
??????
4
ADC_Clock_D
ADC clock state delay (1 = ?????)
0
3
ADC_Inv
Invert ADC Outputs (1- White = FF, 0 - White = 00)
0
2
CLAMP_Sel
Clamp Select
– 00 = External CLAMP (pin 28)
– 10 = Internal CLAMP (same as FUNC)
0
1
Reserved
Reserved
0
0
CLAMP_Pol
Polarity of Clamping Control Signal
0 = Active High Clamp (Normal operation)
1 = Active Low Clamp
0
31h
R_Control
R/W
7
R_VIN_Range
Red Input Voltage Range (0=700mv, 1=1V)
1
6
Reserved
Reserved
0
????
5
R_CLAMP_T3
Red Clamp Time Constant (0= Nom., 1=0.3 Nom.)
0
????
4
R_CLAMP_Type
Soft/Xhard Clamp Function
1
????
3
R_CLAMP_T5
Red Clamp Time Constant (0= Nom., 1=0.5 Nom.)
0
2-1 Reserved
Reserved
1
0
XPD_R#
Power Down Red Channel (0=Powered Down)
1
32h
G_Control
R/W
7
G_Fixed_Gain
Green Gain Adjust. (0=100%, 1=140%)
1
6
Reserved
Reserved
0
????
5
G_CLAMP_T3
Green Clamp Time Constant (0= Nominal, 1=0.3 Nom.)
0
????
4
G_CLAMP_Type
Green Soft/Xhard Clamp Function
1
????
3
G_CLAMP_T5
Green Clamp Time Constant (0= Nominal,1=0.5 Nom.)
0
2
Reserved
Reserved
1
1
SOG
Sync On Green
0
0
XPD_G#
Power Down Green Channel (0=Powered Down)
1
33h
B_Control
R/W
7
B_Fixed_Gain
Blue Gain Adjust. (0=100%, 1=140%)
1
6
Reserved
Reserved
0
????
5
B_CLAMP_T3
Blue Clamp Time Constant (0= Nominal, 1=0.3 Nom.)
0
????
4
B_CLAMP_Type
Blue Soft/Xhard Clamp Function
1
????
3
B_CLAMP_T5
Blue Clamp Time Constant (0= Nominal,1=0.5 Nom.)
0
2-1 Reserved
Reserved
0
0
XPD_B#
Power Down Blue Channel (0=Powered Down)
1
34h
R_Gain
R/W
7-3 R_PGA_Gain
Fine adjust red channel ADC ladder voltage
00100
2-0 R_ADC_Gain
Adjust Video Amp Gain for red channel of ADC
000
35h
G_Gain
R/W
7-3 G_PGA_Gain
Fine adjust green channel ADC ladder voltage
00100
2-0 G_ADC_Gain
Adjust Video Amp Gain for green channel of ADC
000
36h
B_Gain
R/W
7-3 B_PGA_Gain
Fine adjust blue channel ADC ladder voltage
00100
2-0 B_ADC_Gain
Adjust Video Amp Gain for blue channel of ADC
000
37h
PSEL
R/W
7-4 BG_CAL
Band Gap Calibration (0=Normal Operation)
0
3
XBG_PD#
Band Gap Power Down (0=Powered Down)
1
2
PSEL3
State of PSEL3 (pin 10)
0
1
PSEL2
State of PSEL2 (pin 9)
0
0
PSEL1
State of PSEL1 (pin 8)
0
38h
R_Offset
7-0 R_Offset
Red channel offset (00=minimum offset)
80h
39h
G_Offset
7-0 G_Offset
Green channel offset (00=minimum offset)
80h
Table 4-2.
New Register Set Outline (Continued)
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com