Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 10Page - Integrated Device Technology ICS1532 Datasheet HTML 11Page - Integrated Device Technology ICS1532 Datasheet HTML 12Page - Integrated Device Technology ICS1532 Datasheet HTML 13Page - Integrated Device Technology ICS1532 Datasheet HTML 14Page - Integrated Device Technology ICS1532 Datasheet HTML 15Page - Integrated Device Technology ICS1532 Datasheet HTML 16Page - Integrated Device Technology ICS1532 Datasheet HTML 17Page - Integrated Device Technology ICS1532 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
14
Revision 060804
www.idt.com
3-0 Chip Minor Rev
Value increments with minor chip revision.
00
12h
Rd_Reg
Read
7-4 Reserved
Reserved
N/A
3
PLL_Lock
Pixel PLL lock status - 1 = Locked, 0 = Unlocked
N/A
2
MCLK_Lock
Memory MCLK lock status - 1 = Locked, 0 = Unlocked
N/A
1
PCLK_Lock
Panel PLL lock status - 1 = Locked, 0 = Unlocked
N/A
0
Reserved
Reserved
N/A
13h-1Fh Reserved
N/A
20h
PNLCLK-M
R/W. D-PK.
7-0 PNLCLK_M
Select value for PNLCLK M Reference Divider
0
21h
PNLCLK-N
R/W. D-PK.
7-0 PNLCLK_N
Select value for PNLCLK N Feedback Divider
FPNLCLK = (OSC x (N + 8) / (M+2)
0
22h
PNLCLK-SS0
R/W. D-PK.
7-0 PNLCLK_SS0
Value for PNLCLK spread-spectrum counter LSB’s bits
7-0 - Controls amount of frequency spread
Allowed Values = (288 *N / M) + 8
0
23h
PNLCLK-SS1
R/W. D-PK.
7-4 Reserved
Reserved
0
3-0 PNLCLK_SS1
Value for PNLCLK spread-spectrum counter MSBs bits
11-8 See Reg22
0
24h
PNLCLK-SSOE R/W. D-PK.
7-6 PNLCLK_SS
Select PNLCLK spread-spectrum gain
0
– 0 = The gain is 1
– 1 = The gain is 2
– 2 = The gain is 4
– 3 = The gain is 8
5
Reserved
Reserved
0
4-2 PNLCLK_PFD
PNLCLK Phase/Frequency Detector gain
– 000 = Gain is 1
– 001 = Gain is 2
– 010= Gain is 4
– 011 = Gain is 8, and so forth...
– 111 = Gain is 128
0
1-0 PNLCLK_OSD
PNLCLK Output Scaler Divider
– 00 = Divide by 1
– 01 = Divide by 2
– 10= Divide by 4
– 11 = Divide by 8
0
25h
PNLCLK-OE
R/W
7-3 Reserved
Reserved
11100
2
CLK_SEL
Select input for PNLCLK PLL
– 0 = PNLCLK PLL input is from the crystal input
– 1 = Input is from ADC_CLK, divided by 16
0
1
PNLCLK_SSENB Enable PNLCLK spread-spectrum
0
0
PNLCLK_OE
Enable PNLCLK output
0
26h
MCLK-M
R/W. D-MK.
7-0 MCLK_M
Value for MCLK M Feedback Divider
0
27h
MCLK-N
R/W. D-MK.
7-0 MCLK_N
Value for MCLK N (Numerator) Feedback Divider
FMCLK = (OSC x (N + 8)) / (M+2)
0
Table 4-2.
New Register Set Outline (Continued)
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com