Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 34 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 28Page - Integrated Device Technology ICS1532 Datasheet HTML 29Page - Integrated Device Technology ICS1532 Datasheet HTML 30Page - Integrated Device Technology ICS1532 Datasheet HTML 31Page - Integrated Device Technology ICS1532 Datasheet HTML 32Page - Integrated Device Technology ICS1532 Datasheet HTML 33Page - Integrated Device Technology ICS1532 Datasheet HTML 34Page - Integrated Device Technology ICS1532 Datasheet HTML 35Page - Integrated Device Technology ICS1532 Datasheet HTML 36Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
34
Revision 060804
www.idt.com
Chapter 13
Package Dimensions
This section gives the physical dimensions for the package for the ICS1532, which is a 144-pin LQFP.
• The lead count (N) for the package is 144 leads.
• The nominal footprint (that is the body) for the package is 20 mm
× 20 mm × 1.4 mm.
Note:
1.
For full mechanical specifications, see JEDEC drawing number MS-026 Rev A.
2.
Table 13-1 lists the ICS1532 physical dimensions. These dimensions are:
a. For planning purposes only.
b. Subject to change.
c. Shown in Figure 13-1.
Table 13-1.
Physical Dimensions for ICS1532
Symbol
Description
Min.
Nominal
Max.
Unit
A
Full Package Height
1.60
mm
A1
Package Body Standoff (the distance from the seating
plane to the base plane of the package body)
0.05
0.15
mm
A2
Package Body Thickness
1.35
1.40
1.45
mm
b
Lead Width
0.17
0.22
0.27
mm
c
Lead Thickness
0.09
0.20
mm
D
Tip-to-Tip Dimension
22.0
mm
D1
Package Body Dimension
20.0
mm
e
Lead Pitch
0.50
mm
E
Tip-to-Tip Dimension
22.0
mm
E1
Package Body Dimension
20.0
mm
L
Lead Tip Length
0.45
0.60
0.75
mm
L1
Lead Length, Entire Length
1.0
mm
Q
Lead Tip Angle
0
3.5
7
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com