Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1532 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 7Page - Integrated Device Technology ICS1532 Datasheet HTML 8Page - Integrated Device Technology ICS1532 Datasheet HTML 9Page - Integrated Device Technology ICS1532 Datasheet HTML 10Page - Integrated Device Technology ICS1532 Datasheet HTML 11Page - Integrated Device Technology ICS1532 Datasheet HTML 12Page - Integrated Device Technology ICS1532 Datasheet HTML 13Page - Integrated Device Technology ICS1532 Datasheet HTML 14Page - Integrated Device Technology ICS1532 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
11
Revision 060804
www.idt.com
ICS1532
Chapter 4
Register Set
The tables in this chapter detail the functionality of the ICS1532 Register Set bits. The tables include the
register locations, the bit positions, names, and definitions, along with their read/write access, reset values,
and any special functions or capabilities.
4.1
Reserved Bits
The ICS1532 has a number of reserved bits throughout the Register Set. These bits provide enhanced test
functions (intended for use only by ICS manufacturing) and calibration functions (intended for use in
production environments).
Important: The customer must not change the value of reserved bits. If the customer changes the default
values of these reserved bits, normal operation of the ICS1532 can be affected.
4.2
Register Set Conventions
Register Set conventions include the following:
• An “#” on the end if a register bit or pin name indicates active low. (Low = True, High = False)
• Bits are listed in the order of most-significant bit (MSB) to least-significant bit (LSB).
• Unless otherwise indicated, bit settings are listed in terms of digital (and not hexadecimal) values.
• When a bit definition includes word(s) in parentheses, the word in parenthesis is not part of the bit name,
but is given to explain the origin of the bit’s name.
4.3
Register Set Abbreviations and Acronyms
Table 4-1 lists and defines abbreviations and acronyms used specifically in this chapter.
Table 4-1.
Register Set Abbreviations and Acronyms
Abbreviation
or Acronym
Definition
D-DPA
Double-Buffered / Dynamic Phase Adjust. Indicates double-buffered registers for
which working registers load during a software Dynamic Phase Adjust reset. (RegA =
xAh )
D-MK
Double-Buffered / Memory Clock. Indicates double-buffered registers for which
working registers load during a software MCLK reset. (Reg2D = 5xh)
D-PK
Double-Buffered / Panel Clock. Indicates double-buffered registers for which working
registers load during a software PNLCLK reset. (Reg2D = xAh)
D-PLL
Double-Buffered / Phase-Locked Loop. Indicates double-buffered registers for which
working registers load during a software pixel PLL reset. (RegA = 5xh)
IN-A
Increment All. Indicates a value that increments with each all-layer revision of the
ICS1532.
Reg
Register
R/W
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com