Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 47 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 47 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 43Page - Micrel Semiconductor MIC3000BML Datasheet HTML 44Page - Micrel Semiconductor MIC3000BML Datasheet HTML 45Page - Micrel Semiconductor MIC3000BML Datasheet HTML 46Page - Micrel Semiconductor MIC3000BML Datasheet HTML 47Page - Micrel Semiconductor MIC3000BML Datasheet HTML 48Page - Micrel Semiconductor MIC3000BML Datasheet HTML 49Page - Micrel Semiconductor MIC3000BML Datasheet HTML 50Page - Micrel Semiconductor MIC3000BML Datasheet HTML 51Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
October 2004
47
M9999-101204
MIC3000
Micrel
Alarm Flags
Alarm Register 0 (ALARM0)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A7
A6
A5
A4
A3
A2
A1
A0
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Default Value
0000 0000b = 00h (no events pending)
Serial Address
A2h = 1010001b
Byte Address
112 = 70h
The power-up default value is 00h. Following the first A/D conversion, however, any of the bits may be set depending
upon the results.
Bit(s)
Function
Operation
D[7]
A7
High temperature alarm, TEMPh > TMAXh.
1 = condition exists, 0 = normal/OK.
D[6]
A6
Low temperature alarm, TEMPh < TMINh.
1 = condition exists, 0 = normal/OK.
D[5]
A5
High voltage alarm, VINh > VMAXh.
1 = condition exists, 0 = normal/OK.
D[4]
A4
Low voltage alarm, VINh < VMINh.
1 = condition exists, 0 = normal/OK.
D[3]
A3
High laser diode bias alarm, IBIASh > IMAXh.
1 = condition exists, 0 = normal/OK.
D[2]
A2
Low laser diode bias alarm, IBIASh < IMINh.
1 = condition exists, 0 = normal/OK.
D[1]
A1
High transmit optical power alarm,
1 = condition exists, 0 = normal/OK.
TXOPh > TXMAXh.
D[0]
A0
Low transmit optical power alarm,
1 = condition exists, 0 = normal/OK.
TXOPh < TXMINh.
Alarm Register 1 (ALARM1)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A15
A14
read-only
read-only
reserved
reserved
reserved
reserved
reserved
reserved
Default Value
0000 0000b = 00h (no events pending)
Serial Address
A2h = 1010001b
Byte Address
113 = 71h
The power-up default value is 00h. Following the first A/D conversion, however, any of the bits may be set depending
on the results.
Bit(s)
Function
Operation
D[7]
A15
High received power (overload) alarm,
1 = condition exists, 0 = normal/OK.
RXOPh > RXMAXh.
D[6]
A14
Low received power (LOS) alarm,
1 = condition exists, 0 = normal/OK.
RXOPh < RXMINh.
D[5:0]
Reserved
Reserved - always write as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com