Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 20Page - Micrel Semiconductor MIC3000BML Datasheet HTML 21Page - Micrel Semiconductor MIC3000BML Datasheet HTML 22Page - Micrel Semiconductor MIC3000BML Datasheet HTML 23Page - Micrel Semiconductor MIC3000BML Datasheet HTML 24Page - Micrel Semiconductor MIC3000BML Datasheet HTML 25Page - Micrel Semiconductor MIC3000BML Datasheet HTML 26Page - Micrel Semiconductor MIC3000BML Datasheet HTML 27Page - Micrel Semiconductor MIC3000BML Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
MIC3000
Micrel
M9999-101204
24
October 2004
The LUTOFF register determines the range of measured
temperatures that are actually spanned by the tables. The
temperature span of the tables versus the value of LUTOFF
is given in Table 16.
Temperature Span
LUTOFF
tCOMP(min) – tCOMP(max)
00h
0°C to +127°C
01h
–2°C to +125°C
02h
–4°C to +123°C
·
·
··
··
0Fh
–30°C to +97°C
Table 16. Range of Temperature Compensation
Tables vs. LUTOFF
The internal state machine calculates a new table index each
time a new average temperature value becomes available.
This table index is derived from the average temperature
value and LUTOFF. The table index is then converted into a
table address for each of the four look-up tables. These
operations can be expressed as:
INDEX
T
2
LUTOFF
AVG n
=+
()
(7)
where TAVG(n) is the current average temperature; and
TABLE ADDRESS INDEX BASE ADDRESS
__
=+
where BASE_ADDRESS is the physical base address of
each table, i.e., 00h, 40h, 80h, or C0h (all tables reside in the
I2CADR+4 page of memory).
At any given time, the current table index can be read in the
LUTINDX register.
Figures 11 and 12 illustrate the operation of the temperature
compensation tables.
Figure 11 is a graphical illustration of the use of the LUTOFF
register to control the temperature range spanned by the
temperature compensation tables. Note that, if the LUTINDX
becomes greater than 63 or less than zero, the maximum or
minimum table value is used, respectively. The tables do not
“roll over.”
+127
–128
063
LUT(LUTINDX)
(a)
+127
–128
0
+127°C
+113°C
–30°C
LUT(t), LUTOFF=07h
(c)
+127
–128
0
+127°C
–30°C
LUT(t), LUTOFF=0
(b)
+127
–128
0
+127°C
+98°C
–30°C
LUT(t), LUTOFF=0Fh
(d)
Figure 11. Examples of LUTOFF Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com