Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 6Page - Micrel Semiconductor MIC3000BML Datasheet HTML 7Page - Micrel Semiconductor MIC3000BML Datasheet HTML 8Page - Micrel Semiconductor MIC3000BML Datasheet HTML 9Page - Micrel Semiconductor MIC3000BML Datasheet HTML 10Page - Micrel Semiconductor MIC3000BML Datasheet HTML 11Page - Micrel Semiconductor MIC3000BML Datasheet HTML 12Page - Micrel Semiconductor MIC3000BML Datasheet HTML 13Page - Micrel Semiconductor MIC3000BML Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
MIC3000
Micrel
M9999-101204
10
October 2004
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Control and Status I/O Timing, TXFAULT, TXDISABLE, RSIN, RSOUT, and RXLOS
tOFF
TXDISABLE Assert Time
From input asserted to optical output at
10
µs
10% of nominal, CCOMP = 10nF.
tON
TXDISABLE De-assert Time
From input de-asserted to optical output
1
ms
at 90% of nominal, CCOMP = 10nF.
tINIT
Initialization Time
From power on or transmitter enabled to
300
ms
optical output at 90% of nominal and
TX_FAULT de-asserted.(4)
tINIT2
Power-on Initialization Time
From power on to APC loop enabled.
200
ms
tFAULT
TXFAULT Assert Time
From fault condition to TXFAULT
95
µs
assertion.(4)
tRESET
Fault Reset Time
Length of time TXDISABLE must be
10
µs
asserted to reset fault condition.
tLOSS_ON
RXLOS Assert Time
From loss of signal to RXLOS asserted.
95
µs
tLOSS_OFF
RXLOS De-assert Time
From signal acquisition to LOS
100
µs
de-asserted.
tDATA
Analog Parameter Data Ready
From power on to valid analog parameter
400
ms
data available.(4)
tPROP_IN
TXFAULT, TXDISABLE, RXLOS,
Time from input change to corresponding
1
µs
RSIN Input Propagation Time
internal register bit set or cleared.(4)
tPROP_OUT
TXFAULT, RSOUT, /INT Output
From an internal register bit set or cleared
1
µs
Propagation Time
to corresponding output change.(4)
Fault Comparators
φ
FLTTMR
Fault Suppression Timer Clock
Note 4
0.475
0.5
0.525
ms
Period
Accuracy
-3
+3
%F.S.
tREJECT
Glitch Rejection
Maximum length pulse that will not cause
4.5
µs
output to change state.(4)
VSAT
Saturation Detection Threshold
High level
95
%VDDA
Low level
5
%VDDA
Power-On Hour Meter
Timebase Accuracy
0°C - TA - +70°C(4)
+5
–5
%
–40°C - TA - +105°C
+10
–10
%
Resolution
Note 4
10
hours
Non-Volatile (FLASH) Memory
tWR
Write Cycle Time(8)
From STOP of a one to four-byte write
13
ms
transaction.(4)
Data Retention
100
years
Endurance
Minimum Permitted Number Write
10,000
cycles
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com