Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 3Page - Micrel Semiconductor MIC3000BML Datasheet HTML 4Page - Micrel Semiconductor MIC3000BML Datasheet HTML 5Page - Micrel Semiconductor MIC3000BML Datasheet HTML 6Page - Micrel Semiconductor MIC3000BML Datasheet HTML 7Page - Micrel Semiconductor MIC3000BML Datasheet HTML 8Page - Micrel Semiconductor MIC3000BML Datasheet HTML 9Page - Micrel Semiconductor MIC3000BML Datasheet HTML 10Page - Micrel Semiconductor MIC3000BML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
October 2004
7
M9999-101204
MIC3000
Micrel
Absolute Maximum Ratings(1)
Power Supply Voltage, VDD..................................................+3.8V
Voltage on CLK, DATA, TXFAULT, VIN, RXLOS,
DISABLE, RSIN ....................................... –0.3V to +6.0V
Voltage On Any Other Pin .................... –0.3V to VDD+0.3V
Power Dissipation, TA = 85°C......................................1.5W
Junction Temperature (TJ)......................................... 150°C
Storage Temperature (TS) ........................–65°C to +150°C
ESD Ratings(3)
Human Body Model ................................................... 2kV
Machine Model .........................................................300V
Soldering (20sec) ....................................................... 260ºC
Operating Ratings(2)
Power Supply Voltage, VDDA/VDDD .................. +3.0V to +3.6V
Ambient Temperature Range (TA) ............ –40°C to +105°C
Package Thermal Resistance
MLF® (
θ
JA) .......................................................... 43°C/W
Electrical Characteristics
For typical values, TA = 25°C, VDDA = VDDD = +3.3V, unless otherwise noted. Bold values are guaranteed for +3.0V - (VDDA = VDDD)
- 3.6V, T(min) - TA - T(max)(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
IDD
Supply Current
CLK = DATA = VDDD = VDDA;TXDISABLE low;
2.3
3.5
mA
all DACs at full-scale; all A/D inputs at
full-scale; all other pins open.
CLK = DATA = VDDD = VDDA; TXDISABLE high;
2.3
3.5
mA
FLTDAC at full-scale; all A/D inputs at
full-scale; all other pins open.
VPOR
Power-on Reset Voltage
All registers reset to default values;
2.9
2.98
V
A/D conversions initiated.
VUVLO
Under-Voltage Lockout Threshold
Note 5
2.6
2.73
V
VHYST
Power-on Reset Hysteresis Voltage
170
mV
tPOR
Power-on Reset Time
VDD > VPOR(4)
50
µs
VREF
Reference Voltage
1.210
1.225
1.240
V
∆V
REF/∆VDDA
Voltage Reference Line Regulation
1.7
mV/V
Temperature-to-Digital Converter Characteristics
Local Temperature Measurement Error
–40°C - TA - +105°C(6)
±1
±3
°C
Remote Temperature Measurement
–40°C - TA - +105°C(6)
±1
±3
°C
Error
tCONV
Conversion Time
Note 4
60
ms
tSAMPLE
Sample Period
100
ms
Remote Temperature Input, XPN
IF
Current to External Diode(4)
XPN at high level, clamped to 0.6V.
192
400
µA
XPN at low level, clamped to 0.6V.
7
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com